Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH73CD Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSH73CD
Description  Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH73CD Datasheet(HTML) 1 Page - STMicroelectronics

  TSH73CD Datasheet HTML 1Page - STMicroelectronics TSH73CD Datasheet HTML 2Page - STMicroelectronics TSH73CD Datasheet HTML 3Page - STMicroelectronics TSH73CD Datasheet HTML 4Page - STMicroelectronics TSH73CD Datasheet HTML 5Page - STMicroelectronics TSH73CD Datasheet HTML 6Page - STMicroelectronics TSH73CD Datasheet HTML 7Page - STMicroelectronics TSH73CD Datasheet HTML 8Page - STMicroelectronics TSH73CD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
May 2006
Rev. 3
1/33
33
TSH70,71,72,73,74,75
Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
■ 3V, 5V, ±5V specifications
■ 3dB bandwidth: 90MHz
■ Gain bandwidth product: 70MHz
■ Slew rate: 100V/ms
■ Output current: up to 55mA
■ Input single supply voltage
■ Output rail-to-rail
■ Specified for 150
Ω loads
■ Low distortion, THD: 0.1%
■ SOT23-5, TSSOP and SO packages
Description
The TSH7x series offers single, dual, triple and
quad operational amplifiers featuring high video
performances with large bandwidth, low distortion
and excellent supply voltage rejection.
Running with a single supply voltage from 3V to
12V, these amplifiers feature a large output
voltage swing and high output current capable of
driving standard 150
Ω loads. A low operating
voltage makes TSH7x amplifiers ideal for use in
portable equipment.
The TSH71, TSH73 and TSH75 also feature
standby inputs, each of which allows the op-amp
to be put into a standby mode with low power
consumption and high output impedance. This
function allows power saving or signal
switching/multiplexing for high-speed applications
and video applications.
To economize both board space and weight, the
TSH7x series is proposed in SOT23-5, TSSOP
and SO packages.
Applications
■ Video buffers
■ ADC driver
■ Hi-fi applications
Pin Connections (top view)
1
2
3
5
4
VCC -
VCC +
+ -
Non-Inv. In.
Inv. In.
TSH70 : SOT23-5/SO8
VCC -
VCC +
1
2
3
5
4
8
7
6
NC
NC
STANDBY
Non Inverting Input
Inverting Input
Output
TSH71 : SO8/TSSOP8
+
_
VCC -
VCC +
1
2
3
5
4
8
7
6
Non Inverting Input1
Inverting Input1
Output2
+
_
Output1
Non Inverting Input2
Inverting Input2
+
_
TSH72 : SO8/TSSOP8
VCC +
VCC -
1
2
3
11
4
14
13
12
Non Inverting Input1
Inverting Input1
Output3
Output1
Non Inverting Input3
Inverting Input3
5
6
7
8
10
9
+
_
+
_
+
_
Output2
Non Inverting Input2
Inverting Input2
STANDBY1
STANDBY2
STANDBY3
TSH73 : SO14/TSSOP14
VCC +
VCC -
1
2
3
11
4
14
13
12
Non Inverting Input2
Inverting Input2
Output4
Output2
Non Inverting Input4
Inverting Input4
5
6
7
8
10
9
+
_
+
_
+
_
Output3
Non Inverting Input3
Inverting Input3
+
_
Output1
Non Inverting Input1
Inverting Input1
TSH74 : SO14/TSSOP14
VCC +
VCC -
1
2
3
13
4
16
15
14
Non Inverting Input2
Inverting Input2
Output4
Output2
Non Inverting Input4
Inverting Input4
5
6
7
10
12
11
+
_
+
_
+
_
Output3
Non Inverting Input3
Inverting Input3
+
_
Output1
Non Inverting Input1
Inverting Input1
8
9 STANDBY
STANDBY
TSH75 : SO16/TSSOP16
Output
VCC -
VCC +
1
2
3
5
4
8
7
6
NC
NC
Output
+
_
NC
Inv. In.
Non-Inv. In.
1
2
3
5
4
VCC -
VCC +
+ -
Non-Inv. In.
Inv. In.
TSH70 : SOT23-5/SO8
VCC -
VCC +
1
2
3
5
4
8
7
6
NC
NC
STANDBY
Non Inverting Input
Inverting Input
Output
TSH71 : SO8/TSSOP8
+
_
VCC -
VCC +
1
2
3
5
4
8
7
6
Non Inverting Input1
Inverting Input1
Output2
+
_
Output1
Non Inverting Input2
Inverting Input2
+
_
TSH72 : SO8/TSSOP8
VCC +
VCC -
1
2
3
11
4
14
13
12
Non Inverting Input1
Inverting Input1
Output3
Output1
Non Inverting Input3
Inverting Input3
5
6
7
8
10
9
+
_
+
_
+
_
Output2
Non Inverting Input2
Inverting Input2
STANDBY1
STANDBY2
STANDBY3
TSH73 : SO14/TSSOP14
VCC +
VCC -
1
2
3
11
4
14
13
12
Non Inverting Input2
Inverting Input2
Output4
Output2
Non Inverting Input4
Inverting Input4
5
6
7
8
10
9
+
_
+
_
+
_
Output3
Non Inverting Input3
Inverting Input3
+
_
Output1
Non Inverting Input1
Inverting Input1
TSH74 : SO14/TSSOP14
VCC +
VCC -
1
2
3
13
4
16
15
14
Non Inverting Input2
Inverting Input2
Output4
Output2
Non Inverting Input4
Inverting Input4
5
6
7
10
12
11
+
_
+
_
+
_
Output3
Non Inverting Input3
Inverting Input3
+
_
Output1
Non Inverting Input1
Inverting Input1
8
9 STANDBY
STANDBY
TSH75 : SO16/TSSOP16
Output
VCC -
VCC +
1
2
3
5
4
8
7
6
NC
NC
Output
+
_
NC
Inv. In.
Non-Inv. In.
www.st.com


Similar Part No. - TSH73CD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH73CD STMICROELECTRONICS-TSH73CD Datasheet
1Mb / 25P
WIDE BAND, LOW POWER OPERATIONAL AMPLIFIER WITH STANDBY FUNCTION
Aug-2002
TSH73CDT STMICROELECTRONICS-TSH73CDT Datasheet
1Mb / 25P
WIDE BAND, LOW POWER OPERATIONAL AMPLIFIER WITH STANDBY FUNCTION
Aug-2002
More results

Similar Description - TSH73CD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33201 ONSEMI-MC33201 Datasheet
204Kb / 16P
Rail-to-Rail Operational Amplifiers
March, 2004 ??Rev. 12
MC33206 ONSEMI-MC33206 Datasheet
270Kb / 12P
LOW VOLTAGE RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
1999 REV 1
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
Aug-1999
logo
Global Mixed-mode Techn...
G1582 GMT-G1582 Datasheet
604Kb / 1P
Rail-to-Rail Operational Amplifiers
logo
ON Semiconductor
MC33204DG ONSEMI-MC33204DG Datasheet
391Kb / 18P
Low Voltage, Rail-to-Rail Operational Amplifiers
December, 2011 ??Rev. 16
logo
Texas Instruments
TLV2460-Q1 TI1-TLV2460-Q1_16 Datasheet
2Mb / 46P
Low-Power Rail-to-Rail Input/Output Operational Amplifiers
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA342 TI1-OPA342 Datasheet
879Kb / 15P
Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33201 ONSEMI-MC33201_14 Datasheet
215Kb / 17P
Low Voltage, Rail-to-Rail Operational Amplifiers
April, 2014 ??Rev. 17
MC33201 ONSEMI-MC33201_18 Datasheet
258Kb / 17P
Low Voltage, Rail-to-Rail Operational Amplifiers
July, 2018 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com