Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH73CD Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSH73CD
Description  Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH73CD Datasheet(HTML) 4 Page - STMicroelectronics

  TSH73CD Datasheet HTML 1Page - STMicroelectronics TSH73CD Datasheet HTML 2Page - STMicroelectronics TSH73CD Datasheet HTML 3Page - STMicroelectronics TSH73CD Datasheet HTML 4Page - STMicroelectronics TSH73CD Datasheet HTML 5Page - STMicroelectronics TSH73CD Datasheet HTML 6Page - STMicroelectronics TSH73CD Datasheet HTML 7Page - STMicroelectronics TSH73CD Datasheet HTML 8Page - STMicroelectronics TSH73CD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Absolute Maximum Ratings & Operating Conditions
TSH70,71,72,73,74,75
4/33
3
Absolute Maximum Ratings & Operating Conditions
Table 1.
Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply Voltage (1)
1.
All voltages values, except differential voltage are with respect to network ground terminal
14
V
Vid
Differential Input Voltage (2)
2.
Differential voltages are non-inverting input terminal with respect to the inverting terminal
±2V
Vi
Input Voltage (3)
3.
The magnitude of input and output must never exceed VCC +0.3V
±6V
Toper
Operating Free Air Temperature Range
0 to +70
°C
Tstg
Storage Temperature
-65 to +150
°C
Tj
Maximum Junction Temperature
150
°C
Rthjc
Thermal resistance junction to case (4)
SOT23-5
SO-8
SO-14
SO-16
TSSOPO8
TSSOP14
TSSOP16
4.
Short-circuits can cause excessive heating
80
28
22
35
37
32
35
°C/W
Rthja
Thermal resistance junction to ambient area
SOT23-5
SO-8
SO-14
SO-16
TSSOPO8
TSSOP14
TSSOP16
250
157
125
110
130
110
110
°C/W
ESD
Human Body Model
2
kV
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
3 to 12
V
VIC
Common Mode Input Voltage Range
VCC
- to (V
CC
+ -1.1)
V
Standby
(VCC
-) to (V
CC
+)V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com