Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F128P30B85 Datasheet(PDF) 39 Page - Numonyx B.V

Part # JS28F128P30B85
Description  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F128P30B85 Datasheet(HTML) 39 Page - Numonyx B.V

Back Button JS28F128P30B85 Datasheet HTML 35Page - Numonyx B.V JS28F128P30B85 Datasheet HTML 36Page - Numonyx B.V JS28F128P30B85 Datasheet HTML 37Page - Numonyx B.V JS28F128P30B85 Datasheet HTML 38Page - Numonyx B.V JS28F128P30B85 Datasheet HTML 39Page - Numonyx B.V JS28F128P30B85 Datasheet HTML 40Page - Numonyx B.V JS28F128P30B85 Datasheet HTML 41Page - Numonyx B.V JS28F128P30B85 Datasheet HTML 42Page - Numonyx B.V JS28F128P30B85 Datasheet HTML 43Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 99 page
background image
November 2007
Datasheet
Order Number: 306666-11
39
P30
Note:
WAIT shown deasserted and High-Z per OE# deassertion during write operation (RCR[10]=0, Wait asserted low).
7.5
Program and Erase Characteristics
Figure 24: Write-to-Synchronous Read Timing
Table 20:
Num
Symbol
Parameter
VPPL
VPPH
Units
Notes
Min
Typ
Max
Min
Typ
Max
Conventional Word Programming
W200
tPROG/W
Program
Time
Single word - 130nm
-
90
200
-
85
190
µs
1
Single word - 65nm
-
125
150
-
125
150
Single cell
-
30
60
-
30
60
Buffered Programming
W200
tPROG/W
Program
Time
Single word
-
90
200
-
85
190
µs
1
W251
tBUFF
32-word buffer
-
440
880
-
340
680
Buffered Enhanced Factory Programming
W451
tBEFP/W
Program
Single word
n/a
n/a
n/a
-
10
-
µs
1,2
W452
tBEFP/Setup
BEFP Setup
n/a
n/a
n/a
5
-
-
1
Erasing and Suspending
D
Q
Q
W1
R304
R305
R304
R3
W7
W4
R307
R15
R4
W20
W19
W18
W3
W3
R11
R303
R11
W6
W2
R104
R106
R104
R306
W8
W5
R302
R301
R2
CLK
Address [A]
ADV#
CE# [E}
WE# [W]
OE# [G]
WAIT [T]
Data [D/Q]
RST# [P]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com