Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F128P30B85 Datasheet(PDF) 1 Page - Numonyx B.V

Part # JS28F128P30B85
Description  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F128P30B85 Datasheet(HTML) 1 Page - Numonyx B.V

  JS28F128P30B85 Datasheet HTML 1Page - Numonyx B.V JS28F128P30B85 Datasheet HTML 2Page - Numonyx B.V JS28F128P30B85 Datasheet HTML 3Page - Numonyx B.V JS28F128P30B85 Datasheet HTML 4Page - Numonyx B.V JS28F128P30B85 Datasheet HTML 5Page - Numonyx B.V JS28F128P30B85 Datasheet HTML 6Page - Numonyx B.V JS28F128P30B85 Datasheet HTML 7Page - Numonyx B.V JS28F128P30B85 Datasheet HTML 8Page - Numonyx B.V JS28F128P30B85 Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 99 page
background image
Order Number: 306666-11
November 2007
Numonyx™ StrataFlash® Embedded Memory
(P30)
Datasheet
Product Features
High performance
— 85 ns initial access
— 52 MHz with zero wait states, 17ns clock-to-data output
synchronous-burst read mode
— 25 ns asynchronous-page read mode
— 4-, 8-, 16-, and continuous-word burst mode
— Buffered Enhanced Factory Programming (BEFP) at 5 μs/
byte (Typ)
— 1.8 V buffered programming at 7 μs/byte (Typ)
Architecture
— Multi-Level Cell Technology: Highest Density at Lowest
Cost
— Asymmetrically-blocked architecture
— Four 32-KByte parameter blocks: top or bottom
configuration
— 128-KByte main blocks
Voltage and Power
—VCC (core) voltage: 1.7 V – 2.0 V
—VCCQ (I/O) voltage: 1.7 V – 3.6 V
— Standby current: 20μA (Typ) for 64-Mbit
— 4-Word synchronous read current:
13 mA (Typ) at 40 MHz
Quality and Reliability
— Operating temperature: –40 °C to +85 °C
— Minimum 100,000 erase cycles per block
— ETOX™ VIII process technology
Security
— One-Time Programmable Registers:
• 64 unique factory device identifier bits
• 2112 user-programmable OTP bits
— Selectable OTP Space in Main Array:
• Four pre-defined 128-KByte blocks (top or bottom
configuration)
• Up to Full Array OTP Lockout
— Absolute write protection: VPP = VSS
— Power-transition erase/program lockout
— Individual zero-latency block locking
— Individual block lock-down
Software
—20 μs (Typ) program suspend
—20 μs (Typ) erase suspend
— Numonyx™ Flash Data Integrator optimized
— Basic Command Set and Extended Command Set
compatible
— Common Flash Interface capable
Density and Packaging
— 56- Lead TSOP package (64, 128, 256,
512- Mbit)
— 64- Ball Numonyx™ Easy BGA package (64,
128, 256, 512- Mbit)
— Numonyx™ QUAD+ SCSP (64, 128, 256,
512- Mbit)
— 16-bit wide data bus


Similar Part No. - JS28F128P30B85

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
JS28F128P30B85 INTEL-JS28F128P30B85 Datasheet
1Mb / 102P
Intel StrataFlash Embedded Memory
More results

Similar Description - JS28F128P30B85

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F256J3C INTEL-TE28F256J3C Datasheet
905Kb / 72P
Intel StrataFlash Memory (J3)
28F640P3 INTEL-28F640P3 Datasheet
1Mb / 102P
Intel StrataFlash Embedded Memory
28F640L18 INTEL-28F640L18 Datasheet
1Mb / 106P
StrataFlash Wireless Memory
logo
Numonyx B.V
28F128L18 NUMONYX-28F128L18 Datasheet
1Mb / 106P
StrataFlash Wireless Memory
313295-04 NUMONYX-313295-04 Datasheet
1Mb / 98P
Numonyx StrataFlash Wireless Memory
TE28F320J3D-75 NUMONYX-TE28F320J3D-75 Datasheet
911Kb / 68P
Numonyx??Embedded Flash Memory (J3 v. D)
logo
Intel Corporation
TE28F640J3D75 INTEL-TE28F640J3D75 Datasheet
916Kb / 68P
Numonyx??Embedded Flash Memory (J3 v. D)
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
Numonyx StrataFlash Embedded Memory
JS28F256P33BFE MICRON-JS28F256P33BFE Datasheet
1Mb / 90P
NumonyxTM StrataFlash Embedded Memory
logo
Numonyx B.V
JS28F128P30T85A NUMONYX-JS28F128P30T85A Datasheet
1Mb / 97P
Numonyx??StrataFlash짰 Embedded Memory (P30)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com