Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH112ID Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSH112ID
Description  Wide band low noise operational amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH112ID Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSH112ID Datasheet HTML 2Page - STMicroelectronics TSH112ID Datasheet HTML 3Page - STMicroelectronics TSH112ID Datasheet HTML 4Page - STMicroelectronics TSH112ID Datasheet HTML 5Page - STMicroelectronics TSH112ID Datasheet HTML 6Page - STMicroelectronics TSH112ID Datasheet HTML 7Page - STMicroelectronics TSH112ID Datasheet HTML 8Page - STMicroelectronics TSH112ID Datasheet HTML 9Page - STMicroelectronics TSH112ID Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
TSH110-TSH111-TSH112-TSH113-TSH114
6/15
ΔG
Differential gain
AVCL=+2, RL=100Ω
F=4.5MHz, Vout=2Vpeak
0.05
%
Δφ
Differential phase
0.05
°
Noise and harmonic performance
en
Equivalent input voltage noise
Frequency : 1MHz
3nV/
√Hz
in
Equivalent input current noise
8.6
pA/
√Hz
THD
Total harmonic distortion
AVCL=+2, F=2MHz
RL=100Ω
Vout=4Vpp
67.7
dB
IM3
Third order inter modulation product
AVCL=+2, Vout=4Vpp
RL=100Ω
F1=1MHz, F2=1.1MHz
dBc
@900kHz
82
@1.2MHz
84
@3.1MHz
77
@3.2MHz
73
Matching characteristics
Gf
Gain flatness
F=(DC) to 6MHz
AVCL=+2, Vout=4Vpp
0.1
dB
Vo1/Vo2 Channel separation
F=1MHz to 10MHz
65
dB
1.
Rfb is the feedback resistance between the output and the inverting input of the amplifier.
Table 4.
Dual supply voltage, VCC=±6V, Rfb
(1)= 680Ω, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com