Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH112ID Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSH112ID
Description  Wide band low noise operational amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH112ID Datasheet(HTML) 1 Page - STMicroelectronics

  TSH112ID Datasheet HTML 1Page - STMicroelectronics TSH112ID Datasheet HTML 2Page - STMicroelectronics TSH112ID Datasheet HTML 3Page - STMicroelectronics TSH112ID Datasheet HTML 4Page - STMicroelectronics TSH112ID Datasheet HTML 5Page - STMicroelectronics TSH112ID Datasheet HTML 6Page - STMicroelectronics TSH112ID Datasheet HTML 7Page - STMicroelectronics TSH112ID Datasheet HTML 8Page - STMicroelectronics TSH112ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
October 2007
Rev 2
1/15
15
TSH110-TSH111-TSH112-TSH113-TSH114
Wide band low noise operational amplifiers
Features
●
Low noise: 3nV/√Hz
●
Low supply current: 3.2mA
●
47mA output current
●
Bandwidth: 100MHz
●
5V to 12V supply voltage
●
Slew rate: 450V/
μs
●
Specified for 100
Ω load
●
Very low distortion
●
Tiny SOT23-5, TSSOP and SO packages
Applications
●
High-end video drivers
●
Receiver for xDSL
●
A/D converter driver
●
High-end audio applications
Description
The single TSH110 and TSH111, the dual
TSH112, the triple TSH113 and the quad TSH114
are current feedback operational amplifiers
featuring a very high slew rate of 450V/µs and a
large bandwidth of 100MHz, with only a 3.2mA
quiescent supply current. The TSH111 and
TSH113 feature a Standby function for each
operator. This function is a power-down mode
with a high output impedance.
These devices operate from ±2.5V to ±6V dual
supply voltage or from 5V to 12V single supply
voltage. They are able to drive a 100
Ω load with a
swing of 9V minimum (for a 12V power supply).
The harmonic and intermodulation distortions of
these devices are very low, making this circuit a
good choice for applications requiring wide
bandwidth with multiple carriers.
For board space and weight saving, the TSH110
comes in miniature SOT23-5 package.
The TSH111 comes in SO-8 and TSSOP8
packages, the TSH112 comes in SO-8 and
TSSOP8 packages, the TSH113 and TSH114
come in SO-14 and TSSOP14 packages.
TSH110: SOT23-5
1
2
3
5
4
VCC -
VCC +
+ -
Non Inverting Input
Inverting Input
VCC -
VCC +
1
2
3
5
4
8
7
6
Non Inverting Input1
Inverting Input1
Output2
+
_
Output1
Non Inverting Input2
Inverting Input2
+
_
TSH112: SO-8/TSSOP8
VCC +
VCC -
1
2
3
11
4
14
13
12
Non Inverting Input2
Inverting Input2
Output4
Output2
Non Inverting Input4
Inverting Input4
5
6
7
8
10
9
+
_
+
_
+
_
Output3
Non Inverting Input3
Inverting Input3
+
_
Output1
Non Inverting Input1
Inverting Input1
TSH114: SO-14/TSSOP14
VCC -
VCC +
1
2
3
5
4
8
7
6
NC
NC
STANDBY
Non Inverting Input
Inverting Input
Output
TSH111: SO-8/TSSOP8
+
_
VCC +
VCC -
1
2
3
11
4
14
13
12
Non Inverting Input1
Inverting Input1
Output3
Output1
Non Inverting Input3
Inverting Input3
5
6
7
8
10
9
+
_
+
_
+
_
Output2
Non Inverting Input2
Inverting Input2
STANDBY1
STANDBY2
STANDBY3
TSH113: SO-14/TSSOP14
Output
TSH110: SOT23-5
1
2
3
5
4
VCC -
VCC +
+ -
Non Inverting Input
Inverting Input
VCC -
VCC +
1
2
3
5
4
8
7
6
Non Inverting Input1
Inverting Input1
Output2
+
_
Output1
Non Inverting Input2
Inverting Input2
+
_
TSH112: SO-8/TSSOP8
VCC -
VCC +
1
2
3
5
4
8
7
6
Non Inverting Input1
Inverting Input1
Output2
+
_
Output1
Non Inverting Input2
Inverting Input2
+
_
TSH112: SO-8/TSSOP8
VCC +
VCC -
1
2
3
11
4
14
13
12
Non Inverting Input2
Inverting Input2
Output4
Output2
Non Inverting Input4
Inverting Input4
5
6
7
8
10
9
+
_
+
_
+
_
Output3
Non Inverting Input3
Inverting Input3
+
_
Output1
Non Inverting Input1
Inverting Input1
TSH114: SO-14/TSSOP14
VCC +
VCC -
1
2
3
11
4
14
13
12
Non Inverting Input2
Inverting Input2
Output4
Output2
Non Inverting Input4
Inverting Input4
5
6
7
8
10
9
+
_
+
_
+
_
Output3
Non Inverting Input3
Inverting Input3
+
_
Output1
Non Inverting Input1
Inverting Input1
TSH114: SO-14/TSSOP14
VCC -
VCC +
1
2
3
5
4
8
7
6
NC
NC
STANDBY
Non Inverting Input
Inverting Input
Output
TSH111: SO-8/TSSOP8
+
_
VCC -
VCC +
1
2
3
5
4
8
7
6
NC
NC
STANDBY
Non Inverting Input
Inverting Input
Output
TSH111: SO-8/TSSOP8
+
_
VCC +
VCC -
1
2
3
11
4
14
13
12
Non Inverting Input1
Inverting Input1
Output3
Output1
Non Inverting Input3
Inverting Input3
5
6
7
8
10
9
+
_
+
_
+
_
Output2
Non Inverting Input2
Inverting Input2
STANDBY1
STANDBY2
STANDBY3
TSH113: SO-14/TSSOP14
VCC +
VCC -
1
2
3
11
4
14
13
12
Non Inverting Input1
Inverting Input1
Output3
Output1
Non Inverting Input3
Inverting Input3
5
6
7
8
10
9
+
_
+
_
+
_
Output2
Non Inverting Input2
Inverting Input2
STANDBY1
STANDBY2
STANDBY3
TSH113: SO-14/TSSOP14
Output
www.st.com


Similar Part No. - TSH112ID

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH112ID STMICROELECTRONICS-TSH112ID Datasheet
424Kb / 19P
WIDE BAND, LOW NOISE OPERATIONAL AMPLIFIERS
Feb-2002
TSH112IDT STMICROELECTRONICS-TSH112IDT Datasheet
424Kb / 19P
WIDE BAND, LOW NOISE OPERATIONAL AMPLIFIERS
Feb-2002
More results

Similar Description - TSH112ID

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH110 STMICROELECTRONICS-TSH110 Datasheet
424Kb / 19P
WIDE BAND, LOW NOISE OPERATIONAL AMPLIFIERS
Feb-2002
logo
Texas Instruments
NE5534 TI-NE5534 Datasheet
314Kb / 15P
LOW-NOISE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TSH60 STMICROELECTRONICS-TSH60 Datasheet
222Kb / 13P
Wide-Band, Low-Power Operational Amplifiers with Standby
Mar-2006
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
LOW-NOISE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TSH70 STMICROELECTRONICS-TSH70_06 Datasheet
586Kb / 33P
Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
May-2006
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
Operational Amplifiers: Low Noise
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
Low Noise Operational Amplifiers
BA4558XXX ROHM-BA4558XXX Datasheet
561Kb / 29P
Low Noise Operational Amplifiers
4.SEP.2012 Rev.003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com