Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1872IST Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS1872IST
Description  1.8V input/output rail-to-rail low power operational amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1872IST Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS1872IST Datasheet HTML 6Page - STMicroelectronics TS1872IST Datasheet HTML 7Page - STMicroelectronics TS1872IST Datasheet HTML 8Page - STMicroelectronics TS1872IST Datasheet HTML 9Page - STMicroelectronics TS1872IST Datasheet HTML 10Page - STMicroelectronics TS1872IST Datasheet HTML 11Page - STMicroelectronics TS1872IST Datasheet HTML 12Page - STMicroelectronics TS1872IST Datasheet HTML 13Page - STMicroelectronics TS1872IST Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Electrical characteristics
TS1871-TS1872-TS1874
10/26
Figure 13.
Open loop gain vs. temperature
Figure 14.
Open loop gain vs. temperature
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
70
80
90
100
110
Vcc = 3V
Vicm = 1.5V
RL = 600 Ohms
RL = 2 kOhms
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
70
80
90
100
110
Vcc = 3V
Vicm = 1.5V
RL = 600 Ohms
RL = 2 kOhms
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
70
80
90
100
110
Vcc = 5V
Vicm = 2.5V
RL = 600 ohms
RL = 2 kOhms
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
70
80
90
100
110
Vcc = 5V
Vicm = 2.5V
RL = 600 ohms
RL = 2 kOhms
Figure 15.
High level output voltage vs.
temperature
Figure 16.
Low level output voltage vs.
temperature
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
40
50
60
70
80
90
100
110
Vcc = 1.8V
Vcc = 3V
Vcc = 5V
RL = 600 ohms
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
40
50
60
70
80
90
100
110
Vcc = 1.8V
Vcc = 3V
Vcc = 5V
RL = 600 ohms
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
40
50
60
70
80
90
100
110
Vcc = 1.8V
Vcc = 3V
Vcc = 5V
RL = 600 ohms
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
40
50
60
70
80
90
100
110
Vcc = 1.8V
Vcc = 3V
Vcc = 5V
RL = 600 ohms
Figure 17.
High level output voltage vs.
temperature
Figure 18.
Low level output voltage vs.
temperature
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
20
30
40
50
60
70
80
Vcc = 1.8V
Vcc = 3V
Vcc = 5V
RL = 2 kohms
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
20
30
40
50
60
70
80
Vcc = 1.8V
Vcc = 3V
Vcc = 5V
RL = 2 kohms
-40
-20
0
2040
6080
100
120
140
Temperature (°C)
20
30
40
50
60
70
80
Vcc = 1.8V
Vcc = 3V
Vcc = 5V
RL = 2 kohms
-40
-20
0
2040
6080
100
120
140
Temperature (°C)
20
30
40
50
60
70
80
Vcc = 1.8V
Vcc = 3V
Vcc = 5V
RL = 2 kohms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com