Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1872IST Datasheet(PDF) 13 Page - STMicroelectronics

Part # TS1872IST
Description  1.8V input/output rail-to-rail low power operational amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1872IST Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TS1872IST Datasheet HTML 9Page - STMicroelectronics TS1872IST Datasheet HTML 10Page - STMicroelectronics TS1872IST Datasheet HTML 11Page - STMicroelectronics TS1872IST Datasheet HTML 12Page - STMicroelectronics TS1872IST Datasheet HTML 13Page - STMicroelectronics TS1872IST Datasheet HTML 14Page - STMicroelectronics TS1872IST Datasheet HTML 15Page - STMicroelectronics TS1872IST Datasheet HTML 16Page - STMicroelectronics TS1872IST Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
TS1871-TS1872-TS1874
Electrical characteristics
13/26
Figure 31.
Slew rate vs. temperature
Figure 32.
Slew rate vs. temperature
-40
-20
0
20406080
100
120
140
Temperature (°C)
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
positive slew rate
Vcc = 3V
gain = +1
Vin = 1 to 2V
RL = 10kohm
CL = 100 pF
negative slew rate
-40
-20
0
20406080
100
120
140
Temperature (°C)
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
positive slew rate
Vcc = 3V
gain = +1
Vin = 1 to 2V
RL = 10kohm
CL = 100 pF
negative slew rate
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
positive slew rate
Vcc = 5V
gain = +1
Vin = 2 to 3V
RL = 10kohms
CL = 100 pF
negative slew rate
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
positive slew rate
Vcc = 5V
gain = +1
Vin = 2 to 3V
RL = 10kohms
CL = 100 pF
negative slew rate
Figure 33.
Phase margin vs. load capacitor
Figure 34.
Phase margin vs. output current
10
100
1000
Load capacitor (pF)
-10
0
10
20
30
40
50
60
Vcc = 1.8V
gain = 40dB
RL = 1Kohm
10
100
1000
Load capacitor (pF)
-10
0
10
20
30
40
50
60
Vcc = 1.8V
gain = 40dB
RL = 1Kohm
-10
-5
0
5
10
DC output current (mA)
40
45
50
55
60
65
70
75
80
Vcc = 1.8V
RL = 1 kOhm
CL = 220 pF
-10
-5
0
5
10
DC output current (mA)
40
45
50
55
60
65
70
75
80
Vcc = 1.8V
RL = 1 kOhm
CL = 220 pF
Figure 35.
Gain margin vs. output current
Figure 36.
Equivalent input noise vs.
frequency
-10
-5
0
5
10
DC output current (mA)
-25
-20
-15
-10
-5
0
Vcc = 1.8V
RL = 1 kOhm
CL = 220 pF
-10
-5
0
5
10
DC output current (mA)
-25
-20
-15
-10
-5
0
Vcc = 1.8V
RL = 1 kOhm
CL = 220 pF
1E+1
1E+2
1E+3
1E+4
1E+5
Frequency (Hz)
5
10
15
20
25
30
35
Vcc = 1.8V
gain = 100
Rs = 100 ohms
1E+1
1E+2
1E+3
1E+4
1E+5
Frequency (Hz)
5
10
15
20
25
30
35
Vcc = 1.8V
gain = 100
Rs = 100 ohms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com