Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT257M Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74ACT257M
Description  QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT257M Datasheet(HTML) 1 Page - STMicroelectronics

  74ACT257M Datasheet HTML 1Page - STMicroelectronics 74ACT257M Datasheet HTML 2Page - STMicroelectronics 74ACT257M Datasheet HTML 3Page - STMicroelectronics 74ACT257M Datasheet HTML 4Page - STMicroelectronics 74ACT257M Datasheet HTML 5Page - STMicroelectronics 74ACT257M Datasheet HTML 6Page - STMicroelectronics 74ACT257M Datasheet HTML 7Page - STMicroelectronics 74ACT257M Datasheet HTML 8Page - STMicroelectronics 74ACT257M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
April 2001
s
HIGH SPEED: tPD = 5 ns (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 4 µA(MAX.) at TA=25°C
s
COMPATIBLE WITH TTL OUTPUTS
VIH = 2V (MIN.), VIL = 0.8V (MAX.)
s
50
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 24mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 4.5V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 257
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74ACT257 is an advanced high-speed CMOS
QUAD 2-CHANNEL MULTIPLEXER (3-STATE)
fabricated
with
sub-micron silicon gate and
double-layer metal wiring C2MOS tecnology.
It is composed of an independent 2-channel
multiplexer with common SELECT and ENABLE
(OE)inputs. It is a non-inverting multiplexer. When
the ENABLE input is held HIGH, the outputs are
forced to a high impedance state. When the
SELECT input is held LOW, "A" data is selected;
when
SELECT input is held HIGH, "B" data is
selected.
The device is designed to interface directly High
Speed CMOS systems with TTL, NMOS and
CMOS output voltage levels.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74ACT257
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
74ACT257B
SOP
74ACT257M
74ACT257MTR
TSSOP
74ACT257TTR
TSSOP
DIP
SOP


Similar Part No. - 74ACT257M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT257M STMICROELECTRONICS-74ACT257M Datasheet
87Kb / 10P
QUAD 2 CHANNEL MULTIPLEXER 3-STATE
Apr-1997
logo
Fairchild Semiconductor
74ACT257MTC FAIRCHILD-74ACT257MTC Datasheet
97Kb / 9P
Quad 2-Input Multiplexer with 3-STATE Outputs
More results

Similar Description - 74ACT257M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC257 STMICROELECTRONICS-74AC257 Datasheet
287Kb / 11P
QUAD 2 CHANNEL MULTIPLEXER 3-STATE
Apr-2001
74VHC257 STMICROELECTRONICS-74VHC257 Datasheet
315Kb / 14P
QUAD 2 CHANNEL MULTIPLEXER 3-STATE
12-Nov-2004
74VHCT257A STMICROELECTRONICS-74VHCT257A Datasheet
70Kb / 10P
QUAD 2 CHANNEL MULTIPLEXER 3-STATE
Mar-2000
M54HCT257 STMICROELECTRONICS-M54HCT257 Datasheet
255Kb / 12P
HCT257 QUAD 2 CHANNEL MULTIPLEXER 3-STATE HCT258 QUAD 2 CHANNEL MULTIPLEXER 3-STATE, INVERTING
Feb-1993
logo
Toshiba Semiconductor
TC74VHC257F TOSHIBA-TC74VHC257F Datasheet
235Kb / 7P
QUAD 2-CHANNEL MULTIPLEXER (3-STATE)
logo
STMicroelectronics
M74HC257 STMICROELECTRONICS-M74HC257 Datasheet
190Kb / 11P
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
Aug-2001
logo
Toshiba Semiconductor
TC74HC257AP TOSHIBA-TC74HC257AP_07 Datasheet
264Kb / 8P
Quad 2-Channel Multiplexer (3-state)
TC7MH257FK TOSHIBA-TC7MH257FK Datasheet
189Kb / 7P
Quad 2-Channel Multiplexer (3-State)
logo
STMicroelectronics
74VHCT257A STMICROELECTRONICS-74VHCT257A_04 Datasheet
311Kb / 13P
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
16-Dec-2004
logo
Toshiba Semiconductor
TC74VHC257F TOSHIBA-TC74VHC257F_12 Datasheet
224Kb / 9P
Quad 2-Channel Multiplexer (3-state)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com