Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LCX86 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LCX86
Description  Low voltage CMOS quad Exclusive OR gate with 5V tolerant inputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX86 Datasheet(HTML) 1 Page - STMicroelectronics

  74LCX86 Datasheet HTML 1Page - STMicroelectronics 74LCX86 Datasheet HTML 2Page - STMicroelectronics 74LCX86 Datasheet HTML 3Page - STMicroelectronics 74LCX86 Datasheet HTML 4Page - STMicroelectronics 74LCX86 Datasheet HTML 5Page - STMicroelectronics 74LCX86 Datasheet HTML 6Page - STMicroelectronics 74LCX86 Datasheet HTML 7Page - STMicroelectronics 74LCX86 Datasheet HTML 8Page - STMicroelectronics 74LCX86 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
July 2006
Rev 5
1/15
15
74LCX86
Low voltage CMOS quad Exclusive OR gate
with 5V tolerant inputs
Features
■ 5V tolerant inputs
■ High speed:
–tPD = 6.5ns (Max) at VCC = 3V
■ Power down protection on inputs and outputs
■ Symmetrical output impedance:
–|IOH| = IOL = 24mA (Min) at VCC = 3V
■ PCI bus levels guaranteed at 24mA
■ Balanced propagation delays:
–tPLH ≅ tPHL
■ Operating voltage range:
–VCC (Opr) = 2.0V to 3.6V
■ Pin and function compatible with
74 series 86
■ Latch-up performance exceeds
500mA (JESD 17)
■ ESD performance:
– HBM > 2000V
(MIL STD 883 method 3015); MM > 200V
Description
The 74LCX86 is a low voltage CMOS quad
Exclusive OR gate fabricated with sub-micron
silicon gate and double-layer metal wiring C2MOS
technology. It is ideal for low power and high
speed 3.3V applications; it can be interfaced to
5V signal environment for inputs.
It has same speed performance at 3.3V than 5V
AC/ACT family, combined with a lower power
consumption.
All inputs and outputs are equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
SO-14
TSSOP14
www.st.com
Order codes
Part number
Package
Packaging
74LCX86MTR
SO-14
Tape and reel
74LCX86TTR
TSSOP14
Tape and reel


Similar Part No. - 74LCX86

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX86 FAIRCHILD-74LCX86 Datasheet
118Kb / 8P
Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX86 ONSEMI-74LCX86 Datasheet
331Kb / 11P
Low Voltage Quad 2-Input Exclusive-OR Gate
March 2008 Rev. 1.5.0
logo
Toshiba Semiconductor
74LCX86FT TOSHIBA-74LCX86FT Datasheet
163Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-09-15 Rev.2.0
logo
Fairchild Semiconductor
74LCX86M FAIRCHILD-74LCX86M Datasheet
118Kb / 8P
Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
74LCX86M FAIRCHILD-74LCX86M Datasheet
407Kb / 11P
Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
More results

Similar Description - 74LCX86

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX86F TOSHIBA-TC74LCX86F Datasheet
254Kb / 8P
LOW VOLTAGE QUAD EXCLUSIVE OR GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX32 FAIRCHILD-74LCX32 Datasheet
82Kb / 11P
Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
74LCX86 FAIRCHILD-74LCX86 Datasheet
118Kb / 8P
Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LCX32 STMICROELECTRONICS-74LCX32 Datasheet
211Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
15-Sep-2004
74LVX32 STMICROELECTRONICS-74LVX32 Datasheet
155Kb / 8P
LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
Jul-2001
74LVX32 STMICROELECTRONICS-74LVX32_04 Datasheet
229Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
27-Aug-2004
74LVX86 STMICROELECTRONICS-74LVX86 Datasheet
231Kb / 11P
LOW VOLTAGE CMOS QUAD EXCLUSIVE OR GATE WITH 5V TOLERANT INPUTS
27-Aug-2004
logo
Fairchild Semiconductor
74LCX86 FAIRCHILD-74LCX86_08 Datasheet
407Kb / 11P
Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
74LCX32 FAIRCHILD-74LCX32_08 Datasheet
791Kb / 13P
Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX32 ONSEMI-74LCX32 Datasheet
755Kb / 14P
Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com