Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LCX240 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LCX240
Description  LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX240 Datasheet(HTML) 1 Page - STMicroelectronics

  74LCX240 Datasheet HTML 1Page - STMicroelectronics 74LCX240 Datasheet HTML 2Page - STMicroelectronics 74LCX240 Datasheet HTML 3Page - STMicroelectronics 74LCX240 Datasheet HTML 4Page - STMicroelectronics 74LCX240 Datasheet HTML 5Page - STMicroelectronics 74LCX240 Datasheet HTML 6Page - STMicroelectronics 74LCX240 Datasheet HTML 7Page - STMicroelectronics 74LCX240 Datasheet HTML 8Page - STMicroelectronics 74LCX240 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
September 2004
s
5V TOLERANT INPUTS AND OUTPUTS
s
HIGH SPEED:
tPD = 6.5 ns (MAX.) at VCC = 3V
s
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 24mA (MIN) at VCC = 3V
s
PCI BUS LEVELS GUARANTEED AT 24 mA
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2.0V to 3.6V (1.5V Data
Retention)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 240
s
LATCH-UP PERFORMANCE EXCEEDS
500mA (JESD 17)
s
ESD PERFORMANCE:
HBM > 2000V (MIL STD 883 method 3015);
MM > 200V
DESCRIPTION
The 74LCX240 is a low voltage CMOS OCTAL
BUS BUFFER fabricated with sub-micron silicon
gate and double-layer metal wiring C2MOS
technology. It is ideal for low power and high
speed 3.3V applications; it can be interfaced to 5V
signal environment for both inputs and outputs.
It has same speed performance at 3.3V than 5V
AC/ACT family, combined with a lower power
consumption.
This device is designed to be used with 3 state
memory address drivers, etc.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74LCX240
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV.)
WITH 5V TOLERANT INPUTS AND OUTPUTS
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74LCX240MTR
TSSOP
74LCX240TTR
TSSOP
SOP
Rev. 6


Similar Part No. - 74LCX240

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX240 FAIRCHILD-74LCX240 Datasheet
116Kb / 10P
Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LCX240 STMICROELECTRONICS-74LCX240 Datasheet
187Kb / 9P
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV) WITH 5V TOLERANT INPUTS AND OUTPUTS
Sep-2001
logo
National Semiconductor ...
74LCX240 NSC-74LCX240 Datasheet
122Kb / 6P
Low-Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX240 ONSEMI-74LCX240 Datasheet
421Kb / 14P
Low Voltage Octal Buffer/Line Driver 5V Tolerant Inputs and Outputs
January 2008 Rev. 1.6.0
logo
Toshiba Semiconductor
74LCX240FT TOSHIBA-74LCX240FT Datasheet
186Kb / 9P
CMOS Digital Integrated Circuits Silicon Monolithic
2014-08-19 Rev.3.0
More results

Similar Description - 74LCX240

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX245 STMICROELECTRONICS-74LCX245 Datasheet
278Kb / 13P
LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
15-Sep-2004
74LCX541 STMICROELECTRONICS-74LCX541 Datasheet
225Kb / 9P
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
Sep-2001
74LCX240M STMICROELECTRONICS-74LCX240M Datasheet
187Kb / 9P
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV) WITH 5V TOLERANT INPUTS AND OUTPUTS
Sep-2001
74LCX244MTR STMICROELECTRONICS-74LCX244MTR Datasheet
66Kb / 9P
LOW COLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
Mar-2002
74LCX125 STMICROELECTRONICS-74LCX125_06 Datasheet
241Kb / 16P
Low voltage CMOS quad bus buffer (3-State) with 5V tolerant inputs and outputs
13-Jul-2006
74LCX244 STMICROELECTRONICS-74LCX244_04 Datasheet
263Kb / 12P
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
15-Sep-2004
74LCX540 STMICROELECTRONICS-74LCX540 Datasheet
271Kb / 12P
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
15-Sep-2004
74LCX541 STMICROELECTRONICS-74LCX541_07 Datasheet
295Kb / 17P
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
24-Jan-2007
74LVX240 STMICROELECTRONICS-74LVX240 Datasheet
258Kb / 12P
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV.) WITH 5V TOLERANT INPUTS
27-Aug-2004
74LVX541 STMICROELECTRONICS-74LVX541 Datasheet
291Kb / 12P
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
27-Aug-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com