Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC7046AMM Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74HC7046AMM
Description  Phase-Locked Loop with VCO and Lock Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC7046AMM Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC7046AMM Datasheet HTML 1Page - Texas Instruments CD74HC7046AMM Datasheet HTML 2Page - Texas Instruments CD74HC7046AMM Datasheet HTML 3Page - Texas Instruments CD74HC7046AMM Datasheet HTML 4Page - Texas Instruments CD74HC7046AMM Datasheet HTML 5Page - Texas Instruments CD74HC7046AMM Datasheet HTML 6Page - Texas Instruments CD74HC7046AMM Datasheet HTML 7Page - Texas Instruments CD74HC7046AMM Datasheet HTML 8Page - Texas Instruments CD74HC7046AMM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS218C
Features
• Center Frequency of 18MHz (Typ) at VCC = 5V,
Minimum Center Frequency of 12MHz at VCC = 4.5V
• Choice of Two Phase Comparators
- Exclusive-OR
- Edge-Triggered JK Flip-Flop
• Excellent VCO Frequency Linearity
• VCO-Inhibit Control for ON/OFF Keying and for Low
Standby Power Consumption
• Minimal Frequency Drift
• Zero Voltage Offset Due to Op-Amp Buffer
• Operating Power-Supply Voltage Range
- VCO Section . . . . . . . . . . . . . . . . . . . . . . . . . . 3V to 6V
- Digital Section . . . . . . . . . . . . . . . . . . . . . . . . 2V to 6V
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Applications
• FM Modulation and Demodulation
• Frequency Synthesis and Multiplication
• Frequency Discrimination
• Tone Decoding
• Data Synchronization and Conditioning
• Voltage-to-Frequency Conversion
• Motor-Speed Control
• Related Literature
- AN8823, CMOS Phase-Locked-Loop Application
Using the CD74HC/HCT7046A and
CD74HC/HCT7046A
Description
The
CD74HC7046A
and
CD74HCT7046A
high-speed
silicon-gate CMOS devices, specified in compliance with
JEDEC Standard No. 7A, are phase-locked-loop (PLL)
circuits that contain a linear voltage-controlled oscillator
(VCO), two-phase comparators (PC1, PC2), and a lock
detector. A signal input and a comparator input are common
to each comparator. The lock detector gives a HIGH level at
pin 1 (LD) when the PLL is locked. The lock detector
capacitor must be connected between pin 15 (CLD) and pin
8 (Gnd). For a frequency range of 100kHz to 10MHz, the
lock
detector
capacitor
should
be
1000pF
to
10pF,
respectively.
The signal input can be directly coupled to large voltage
signals, or indirectly coupled (with a series capacitor) to
small voltage signals. A self-bias input circuit keeps small
voltage signals within the linear region of the input amplifiers.
With a passive low-pass filter, the 7046A forms a second-
order loop PLL. The excellent VCO linearity is achieved by
the use of linear op-amp techniques.
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD74HC7046AE
-55 to 125
16 Ld PDIP
CD74HC7046AM
-55 to 125
16 Ld SOIC
CD74HC7046AMT
-55 to 125
16 Ld SOIC
CD74HC7046AM96
-55 to 125
16 Ld SOIC
CD74HCT7046AE
-55 to 125
16 Ld PDIP
CD74HCT7046AM
-55 to 125
16 Ld SOIC
CD74HCT7046AMT
-55 to 125
16 Ld SOIC
CD74HCT7046AM96
-55 to 125
16 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel
of 250.
February 1998 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
0.1
CD74HC7046A,
CD74HCT7046A
Phase-Locked Loop
with VCO and Lock Detector
[ /Title
(CD74
HC704
6A,
CD74
HCT70
46A)
/Sub-
ject
(Phase-
Locked
Loop


Similar Part No. - CD74HC7046AMM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC7046AM TI-CD74HC7046AM Datasheet
302Kb / 26P
Phase-Locked Loop with VCO and Lock Detector
CD74HC7046AM TI-CD74HC7046AM Datasheet
446Kb / 28P
Phase-Locked Loop with VCO and Lock Detector
CD74HC7046AM TI2-CD74HC7046AM Datasheet
387Kb / 29P
Phase-Locked Loop with VCO and Lock Detector
Revised October 2003
CD74HC7046AM.A TI2-CD74HC7046AM.A Datasheet
387Kb / 29P
Phase-Locked Loop with VCO and Lock Detector
Revised October 2003
CD74HC7046AM96 TI-CD74HC7046AM96 Datasheet
302Kb / 26P
Phase-Locked Loop with VCO and Lock Detector
More results

Similar Description - CD74HC7046AMM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC7046A PHILIPS-74HC7046A Datasheet
490Kb / 38P
Phase-locked-loop with lock detector
December 1990
logo
Texas Instruments
CD74HC7046A TI-CD74HC7046A Datasheet
302Kb / 26P
Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A_07 Datasheet
446Kb / 28P
Phase-Locked Loop with VCO and Lock Detector
logo
NXP Semiconductors
74HC7046AN NXP-74HC7046AN Datasheet
453Kb / 38P
Phase-locked-loop with lock detector
December 1990
logo
Unisonic Technologies
U74HC4046A UTC-U74HC4046A Datasheet
558Kb / 19P
PHASE LOCKED LOOP WITH VCO
U74HCT7046 UTC-U74HCT7046 Datasheet
408Kb / 16P
PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
U74HC4046A UTC-U74HC4046A_15 Datasheet
558Kb / 19P
PHASE LOCKED LOOP WITH VCO
U74HCT7046 UTC-U74HCT7046_15 Datasheet
408Kb / 16P
PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
U74HC4046A UTC-U74HC4046A_18 Datasheet
610Kb / 19P
PHASE LOCKED LOOP WITH VCO
logo
Nexperia B.V. All right...
74HC4046A-Q100 NEXPERIA-74HC4046A-Q100 Datasheet
598Kb / 32P
Phase-locked loop with VCO
Rev. 1 - 27 November 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com