Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC7046AMM Datasheet(PDF) 18 Page - Texas Instruments

Part # CD74HC7046AMM
Description  Phase-Locked Loop with VCO and Lock Detector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC7046AMM Datasheet(HTML) 18 Page - Texas Instruments

Back Button CD74HC7046AMM Datasheet HTML 14Page - Texas Instruments CD74HC7046AMM Datasheet HTML 15Page - Texas Instruments CD74HC7046AMM Datasheet HTML 16Page - Texas Instruments CD74HC7046AMM Datasheet HTML 17Page - Texas Instruments CD74HC7046AMM Datasheet HTML 18Page - Texas Instruments CD74HC7046AMM Datasheet HTML 19Page - Texas Instruments CD74HC7046AMM Datasheet HTML 20Page - Texas Instruments CD74HC7046AMM Datasheet HTML 21Page - Texas Instruments CD74HC7046AMM Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
18
FIGURE 38. HC7046A VCO LINEARITY vs R1
FIGURE 39. HCT7046A VCO LINEARITY vs R1
FIGURE 40. HC7046A DEMODULATOR POWER DISSIPATION
vs RS (TYP)
FIGURE 41. HCT7046A DEMODULATOR POWER DISSIPATION
vs RS (TYP) (VCC = 3V, 4.5V, 6V)
FIGURE 42. HC7046A VCO POWER DISSIPATION vs R1
(C1 = 50pF, 1
µF)
FIGURE 43. HCT7046A VCO POWER DISSIPATION vs R2
(C1 = 50pF, 1
µF)
Typical Performance Curves (Continued)
1K
10K
100K
1M
10M
R1 (OHMS)
8
6
4
2
0
-2
-4
-6
-8
VCOIN = 3V ± 1.5V
C1 = 50pF
VCC = 6V
R2 =
∞
VCOIN = 3V ± 0.6V
1K
10K
100K
1M
10M
R1 (OHMS)
8
6
4
2
0
-2
-4
-6
-8
VCC = 5.5V,
C1 = 50pF
R2 = OPEN
VCC = 4.5V,
VCOIN = 2.75V ±1.3V
VCOIN = 2.25V ±1.0V
VCC = 5.5V,
VCC = 4.5V,
VCOIN = 2.75V ±0.55V
VCOIN = 2.25V ±0.45V
VCOIN = 0.5 VCC
1K
10K
100K
1M
RS (OHMS)
104
103
102
10
1
VCC = 3V
VCC = 4.5V
VCC = 6V
VCOIN = 0.5 VCC
1K
10K
100K
1M
RS (OHMS)
104
103
102
10
1
VCC = 3V
VCC = 4.5V
VCC = 6V
R1 = R2 = OPEN
VCOIN = 0.5VCC
1K
10K
100K
1M
R1 (OHMS)
106
105
104
103
102
R2 = RS = OPEN
CL = 50pF
VCC = 6V
C1 = 50pF
VCC = 3V
C1 = 1
µF
VCC = 6V
C1 = 1
µF
VCC = 3V
C1 = 50pF
VCC = 4.5V
C1 = 1
µF
VCC = 4.5V
C1 = 50pF
VCOIN = 0V (AT fMIN)
1K
10K
100K
1M
R2 (OHMS)
106
105
104
103
102
R1 = RS =
∞
CL = 50pF
VCC = 6V
C1 = 50pF
VCC = 4.5V
C1 = 1
µF
VCC = 4.5V
C1 = 50pF
VCC = 6V
C1 = 1
µF
CD74HC7046A, CD74HCT7046A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com