Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LCX652 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LCX652
Description  LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX652 Datasheet(HTML) 1 Page - STMicroelectronics

  74LCX652 Datasheet HTML 1Page - STMicroelectronics 74LCX652 Datasheet HTML 2Page - STMicroelectronics 74LCX652 Datasheet HTML 3Page - STMicroelectronics 74LCX652 Datasheet HTML 4Page - STMicroelectronics 74LCX652 Datasheet HTML 5Page - STMicroelectronics 74LCX652 Datasheet HTML 6Page - STMicroelectronics 74LCX652 Datasheet HTML 7Page - STMicroelectronics 74LCX652 Datasheet HTML 8Page - STMicroelectronics 74LCX652 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
September 2004
s
5V TOLERANT INPUTS AND OUTPUTS
s
HIGH SPEED:
tPD = 7.0 ns (MAX.) at VCC = 3V
s
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 24mA (MIN) at VCC = 3V
s
PCI BUS LEVELS GUARANTEED AT 24 mA
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2.0V to 3.6V (1.5V Data
Retention)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 652
s
LATCH-UP PERFORMANCE EXCEEDS
500mA (JESD 17)
s
ESD PERFORMANCE:
HBM > 2000V (MIL STD 883 method 3015);
MM > 200V
DESCRIPTION
The 74LCX652 is a low voltage CMOS OCTAL
BUS
TRANSCEIVER
AND
REGISTER
(3-STATE) fabricated with sub-micron silicon gate
and double-layer metal wiring C2MOS technology.
It is ideal for low power and high speed 3.3V
applications; it can be interfaced to 5V signal
environment for both inputs and outputs.
This device consists of bus transceiver circuits
with 3 state, D-type flip-flops, and control circuitry
arranged for multiplexed transmission of data
directly from the input bus or from the internal
storage registers. Enable (GAB) and (GBA) pins
are provided to control the transceiver functions.
Select AB and Select BA control pins are provided
to select whether real-time or stored data is
transferred. A low input level selects real-time,
and a high selects stored data.
Data on the A or B bus, or both, can be stored in
the internal D flip-flop by low to high transitions at
the
appropriate
clock
pins
(CAB
or
CBA)
regardless of the select or enable control pins.
When select AB and select BA are in the real-time
transfer mode, it is also possible to store data
74LCX652
LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER
WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74LCX652RM13TR
TSSOP
74LCX652TTR
TSSOP
SOP
Rev. 6


Similar Part No. - 74LCX652

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX652 FAIRCHILD-74LCX652 Datasheet
108Kb / 10P
Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX652 ONSEMI-74LCX652 Datasheet
214Kb / 12P
Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
Revised March 2001
logo
Fairchild Semiconductor
74LCX652MSA FAIRCHILD-74LCX652MSA Datasheet
108Kb / 10P
Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX652MSA ONSEMI-74LCX652MSA Datasheet
214Kb / 12P
Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
Revised March 2001
logo
Fairchild Semiconductor
74LCX652MTC FAIRCHILD-74LCX652MTC Datasheet
108Kb / 10P
Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
More results

Similar Description - 74LCX652

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVC245A IDT-IDT74LVC245A Datasheet
73Kb / 6P
3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVCH245A IDT-IDT74LVCH245A Datasheet
65Kb / 6P
3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
IDT74LVC16646A IDT-IDT74LVC16646A Datasheet
211Kb / 8P
3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVCH16646A IDT-IDT74LVCH16646A Datasheet
118Kb / 8P
3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD
IDT74LVCR2245A IDT-IDT74LVCR2245A Datasheet
65Kb / 6P
3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC2245A IDT-IDT74LVC2245A Datasheet
68Kb / 7P
3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
logo
STMicroelectronics
74LCX646 STMICROELECTRONICS-74LCX646 Datasheet
241Kb / 13P
LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
Sep-2001
74LCX646 STMICROELECTRONICS-74LCX646_04 Datasheet
418Kb / 16P
LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
15-Sep-2004
logo
NXP Semiconductors
74LVCH245A PHILIPS-74LVCH245A Datasheet
324Kb / 10P
Octal bus transceiver with direction pin with 5-volt tolerant inputs/outputs (3-State)
1998 May 20
logo
Renesas Technology Corp
IDT74LVCH16646A RENESAS-IDT74LVCH16646A Datasheet
528Kb / 9P
3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
JANUARY 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com