Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LCX652 Datasheet(PDF) 10 Page - STMicroelectronics

Part # 74LCX652
Description  LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX652 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button 74LCX652 Datasheet HTML 6Page - STMicroelectronics 74LCX652 Datasheet HTML 7Page - STMicroelectronics 74LCX652 Datasheet HTML 8Page - STMicroelectronics 74LCX652 Datasheet HTML 9Page - STMicroelectronics 74LCX652 Datasheet HTML 10Page - STMicroelectronics 74LCX652 Datasheet HTML 11Page - STMicroelectronics 74LCX652 Datasheet HTML 12Page - STMicroelectronics 74LCX652 Datasheet HTML 13Page - STMicroelectronics 74LCX652 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
M74LCX652
10/16
Figure 8: Waveform - Setup And Hold Time, Maximum CK Frequency (f=1MHz; 50% duty cycle)
Figure 9: Waveform - Pulse Width (f=1MHz; 50% duty cycle)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com