Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC04AMTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LVC04AMTR
Description  LOW VOLTAGE CMOS HEX INVERTER HIGH PERFORMANCE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVC04AMTR Datasheet(HTML) 1 Page - STMicroelectronics

  74LVC04AMTR Datasheet HTML 1Page - STMicroelectronics 74LVC04AMTR Datasheet HTML 2Page - STMicroelectronics 74LVC04AMTR Datasheet HTML 3Page - STMicroelectronics 74LVC04AMTR Datasheet HTML 4Page - STMicroelectronics 74LVC04AMTR Datasheet HTML 5Page - STMicroelectronics 74LVC04AMTR Datasheet HTML 6Page - STMicroelectronics 74LVC04AMTR Datasheet HTML 7Page - STMicroelectronics 74LVC04AMTR Datasheet HTML 8Page - STMicroelectronics 74LVC04AMTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
July 2004
s
5V TOLERANT INPUTS
s
HIGH SPEED: tPD = 4.5ns (MAX.) at VCC = 3V
s
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 24mA (MIN) at VCC = 3V
s
PCI BUS LEVELS GUARANTEED AT 24 mA
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 1.65V to 3.6V (1.2V Data
Retention)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 00
s
LATCH-UP PERFORMANCE EXCEEDS
500mA (JESD 17)
s
ESD PERFORMANCE:
HBM > 2000V (MIL STD 883 method 3015);
MM > 200V
DESCRIPTION
The 74LVC04A is a low voltage CMOS HEX
INVERTER fabricated with sub-micron silicon
gate and double-layer metal wiring C2MOS
technology. It is ideal for 1.65 to 3.6 VCC
operations
and
low
power
and
low
noise
applications.
It can be interfaced to 5V signal environment for
inputs in mixed 3.3/5V system.
It has more speed performance at 3.3V than 5V
AC/ACT family, combined with a lower power
consumption.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74LVC04A
LOW VOLTAGE CMOS HEX INVERTER
HIGH PERFORMANCE
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74LVC04AMTR
TSSOP
74LVC04ATTR
TSSOP
SOP
Rev. 6


Similar Part No. - 74LVC04AMTR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
Hex inverter
1997 Jun 30
logo
Diodes Incorporated
74LVC04A DIODES-74LVC04A Datasheet
192Kb / 10P
HEX BUFFERS WITH OPEN DRAIN OUTPUTS
Rev 3
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
120Kb / 15P
Hex inverter
Rev. 9-17 November 2011
logo
ON Semiconductor
74LVC04A ONSEMI-74LVC04A Datasheet
92Kb / 7P
Low-Voltage CMOS Hex Inverter
September, 2015 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC04A NEXPERIA-74LVC04A Datasheet
233Kb / 12P
Hex inverter
Rev. 11 - 17 September 2021
More results

Similar Description - 74LVC04AMTR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX04 MOTOROLA-MC74LCX04 Datasheet
133Kb / 7P
LOW-VOLTAGE CMOS HEX INVERTER
MC74LVQ04 MOTOROLA-MC74LVQ04 Datasheet
176Kb / 7P
LOW-VOLTAGE CMOS HEX INVERTER
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04 Datasheet
133Kb / 7P
LOW-VOLTAGE CMOS HEX INVERTER
REV 1
logo
STMicroelectronics
74LVCU04A STMICROELECTRONICS-74LVCU04A Datasheet
166Kb / 8P
LOW VOLTAGE CMOS HEX INVERTER (SINGLE STAGE) HIGH PERFORMANCE
Feb-2002
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04_05 Datasheet
80Kb / 8P
Low-Voltage CMOS Hex Inverter
January, 2005 ??Rev. 4
logo
STMicroelectronics
74LVC14A STMICROELECTRONICS-74LVC14A Datasheet
252Kb / 12P
LOW VOLTAGE CMOS HEX INVERTER HIGH PERFORMANCE
27-Jul-2004
74LVCU04A STMICROELECTRONICS-74LVCU04A_04 Datasheet
230Kb / 11P
LOW VOLTAGE CMOS HEX INVERTER (SINGLE STAGE) HIGH PERFORMANCE
26-Jul-2004
74LVQ04 STMICROELECTRONICS-74LVQ04_04 Datasheet
221Kb / 11P
LOW VOLTAGE CMOS HEX INVERTER
29-Jul-2004
logo
ON Semiconductor
MC74LCX04DTR2G ONSEMI-MC74LCX04DTR2G Datasheet
138Kb / 7P
Low-Voltage CMOS Hex Inverter
October, 2012 ??Rev. 8
MC74LCX04 ONSEMI-MC74LCX04_14 Datasheet
110Kb / 7P
Low-Voltage CMOS Hex Inverter
August, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com