Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVD111 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLVD111
Description  PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVD111 Datasheet(HTML) 3 Page - STMicroelectronics

  STLVD111 Datasheet HTML 1Page - STMicroelectronics STLVD111 Datasheet HTML 2Page - STMicroelectronics STLVD111 Datasheet HTML 3Page - STMicroelectronics STLVD111 Datasheet HTML 4Page - STMicroelectronics STLVD111 Datasheet HTML 5Page - STMicroelectronics STLVD111 Datasheet HTML 6Page - STMicroelectronics STLVD111 Datasheet HTML 7Page - STMicroelectronics STLVD111 Datasheet HTML 8Page - STMicroelectronics STLVD111 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STLVD111
3/12
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
THERMAL DATA
RECOMMENDED OPERATING CONDITIONS
DRIVER ELECTRICAL CHARACTERISTICS (TA = -40 to 85 °C, VCC = 2.5V ± 5%, unless otherwise
specified (Note 1, 2)
NOTE 1: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground
unless otherwise specified.
NOTE 2: All typical values are given for VCC =2.5V and TA = 25°C unless otherwise stated.
RECEIVER ELECTRICAL CHARACTERISTICS (TA =-40 to 85 °C, VCC = 2.5V ± 5%, unless otherwise
specified (Note 1, 2)
NOTE 1: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground
unless otherwise specified.
NOTE 2: All typical values are given for VCC =2.5V and TA = 25°C unless otherwise stated.
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.3 to 2.8
V
VI
Input Voltage
-0.2 to (VCC+0.2)
V
VO
Output Voltage
-0.2 to (VCC+0.2)
V
IOSD
Driver Short Circuit Current
Continuous
ESD
Electrostatic Discharge (HBM 1.5K
Ω, 100pF)
>2
KV
Symbol
Parameter
Value
Unit
RTj-c
Thermal Resistance Junction-Case
13
°C/W
Symbol
Parameter
Min
TYP
Max
Unit
VCC
Supply Voltage
2.375
2.625
V
VIC
Receiver Common Mode Input Voltage
0.5(VID)
2-0.5(VID)
V
TA
Operating Free-Air Temperature Range
-40
85
°C
TJ
Operating Junction Temperature
-40
105
°C
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
VOD
Output Differential Voltage
(Fig. 2)
RL =100 Ω
400
500
600
mV
∆V
OD
VOD Magnitude Change
30
mV
VOS
Offset Voltage
-40
≤ T
A ≤ 85°C
1.05
1.15
1.25
V
∆V
OS
VOS Magnitude Change
30
V
IOS
Output Short Circuit Current VO =0V
15
30
mA
VOD =0V
7
15
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
VIDH
Input Threshold High
100
mV
VIDL
Input Threshold Low
-100
mV
IIN
Input Current
VI = 0V
42
100
µA
VI =0VCC
210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com