Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVD111 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLVD111
Description  PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVD111 Datasheet(HTML) 4 Page - STMicroelectronics

  STLVD111 Datasheet HTML 1Page - STMicroelectronics STLVD111 Datasheet HTML 2Page - STMicroelectronics STLVD111 Datasheet HTML 3Page - STMicroelectronics STLVD111 Datasheet HTML 4Page - STMicroelectronics STLVD111 Datasheet HTML 5Page - STMicroelectronics STLVD111 Datasheet HTML 6Page - STMicroelectronics STLVD111 Datasheet HTML 7Page - STMicroelectronics STLVD111 Datasheet HTML 8Page - STMicroelectronics STLVD111 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
STLVD111
4/12
DRIVER ELECTRICAL CHARACTERISTICS (TA = -40 to 85 °C, VCC = 2.5V ± 5%, unless otherwise
specified (Note 1, 2)
NOTE 1: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground
unless otherwise specified.
NOTE 2: All typical values are given for VCC =2.5V and TA = 25°C unless otherwise stated.
LVDS TIMING CHARACTERISTICS (TA = -40 to 85 °C, VCC = 2.5V ± 5%, unless otherwise specified
(Note 4)
NOTE 4: Generator waveforms for all test conditions: f=1MHz, ZO =50 (unless otherwise specified).
CONTROL REGISTER TIMING CHARACTERISTICS (TA =-40 to 85 °C, VCC = 2.5V ± 5%, EN=H, unless
otherwise specified (Figure 4)
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
VBB
Output Reference Voltage
VCC = 2.5 V
1.15
1.25
1.35
V
ICCD
Power Supply Current
All driver enabled and loaded
125
160
mA
CIN
Input Capacitance
VI =0V toVCC
5pF
COUT
Output Capacitance
5
pF
VIH
Logic Input High Threshold
VCC = 2.5 V
2
V
VIL
Logic Input Low Threshold
VCC = 2.5 V
0.8
V
II
Logic Input Current
VCC = 2.5 V, VIN =VCC or GND
±10
µA
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
tTLH, tTHL Transition Time
RL = 100 Ω,CL = 5 pF, Fig. 5, 6)
220
300
ps
tPHL, tPLH Propagation Delay Time
(Fig. 5, 6)
2
2.5
ns
fMAX
Maximum Input Frequency
700
900
MHz
tSKEW
Bank Skew
(Fig. 1)
50
ps
Part to Part Skew
(Fig. 2)
100
Pulse Skew
(Fig. 3)
50
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
fMAX
Maximum Frequency of Shift
Register
(Fig. 7)
100
150
MHz
ts
Clock to SI Setup Time
(Fig. 7)
2
ns
th
Clock to SI Hold Time
(Fig. 7)
1.5
ns
trem
Enable to Clock Removal Time
(Fig. 7)
1.5
ns
tW
Minimum Clock Pulse Width
(Fig. 7)
3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com