Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3384 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STG3384
Description  Low voltage 0.9Ω max dual SPST switch with break before make feature
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3384 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STG3384 Datasheet HTML 2Page - STMicroelectronics STG3384 Datasheet HTML 3Page - STMicroelectronics STG3384 Datasheet HTML 4Page - STMicroelectronics STG3384 Datasheet HTML 5Page - STMicroelectronics STG3384 Datasheet HTML 6Page - STMicroelectronics STG3384 Datasheet HTML 7Page - STMicroelectronics STG3384 Datasheet HTML 8Page - STMicroelectronics STG3384 Datasheet HTML 9Page - STMicroelectronics STG3384 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Electrical characteristics
STG3384
6/12
4
Electrical characteristics
4.1
DC electrical characteristics
Table 5. DC specifications
Symbol Parameter
Test conditions
Value
Unit
Vcc (V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min
Typ
Max
Min
Max
Min
Max
VIH
High level
input
voltage
1.65-1.95
0.65VCC
0.65VCC
0.65VCC
V
2.3-2.5
1.4
1.4
1.4
2.7-3.0
1.4
1.4
1.4
3.3 – 4.3
1.5
1.5
1.5
VIL
Low level
input
voltage
1.65-1.95
0.40
0.40
0.40
V
2.3-2.5
0.50
0.50
0.50
2.7-3.0
0.50
0.50
0.50
3.3 – 4.3
0.50
0.50
0.50
RON
Switch ON
resistance
4.3
VS = 0V to
VCC
IS = 100mA
0.5
0.7
1.4
Ω
3.0
0.7
0.9
1.4
2.7
0.7
0.9
1.7
2.3
0.9
1.2
1.7
1.8
1.3
1.6
1.9
1.65
1.6
2.5
2.2
∆RON
ON
resistance
match
between
channels
Sn
2.7
VS @ RON
Max
IS=100mA
0.6
Ω
RFLAT
ON
resistance
flatness
(1) (2)
4.3
VS = 0V to
VCC
IS=100mA
0.18
0.21
Ω
3.0
0.16
0.19
2.7
0.16
0.19
2.3
0.18
0.21
1.65
0.38
0.44
IOFF
OFF state
leakage
current
(Sn), (Dn)
4.3
VS = 0.3 or
4V
±10
±100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com