Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3384 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STG3384
Description  Low voltage 0.9Ω max dual SPST switch with break before make feature
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3384 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STG3384 Datasheet HTML 4Page - STMicroelectronics STG3384 Datasheet HTML 5Page - STMicroelectronics STG3384 Datasheet HTML 6Page - STMicroelectronics STG3384 Datasheet HTML 7Page - STMicroelectronics STG3384 Datasheet HTML 8Page - STMicroelectronics STG3384 Datasheet HTML 9Page - STMicroelectronics STG3384 Datasheet HTML 10Page - STMicroelectronics STG3384 Datasheet HTML 11Page - STMicroelectronics STG3384 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Electrical characteristics
STG3384
8/12
4.2
AC electrical characteristics
CL = 35pF, RL = 50Ω, tr = tf ≤5ns
Table 6. AC specifications
Symbol
Parameter
Test conditions
Value
Unit
Vcc
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min
Typ
Max
Min
Max
Min
Max
tPLH, tPHL Propagation delay
1.65-1.95
0.45
ns
2.3-2.7
0.40
3.0-3.3
0.30
3.6-4.3
0.30
tON
Turn-ON time
1.65-1.95
VS = 0.8V
70
ns
2.3-2.7
VS = 1.5V
30
60
75
3.0-3.3
25
50
60
3.6-4.3
25
50
60
tOFF
Turn-OFF time
1.65-1.95
VS = 0.8
45
ns
2.3-2.7
VS = 1.5V
25
30
40
3.0-3.3
25
30
40
3.6-4.3
25
30
40
tD
Break before
make time delay
1.65 – 1.95
CL = 35pF
RL = 50Ω
VS = 1.5V
ns
2.3 – 2.7
2
15
3.0 – 3.6
2
15
3.6 – 4.3
2
15
Q
Charge Injection
1.65-1.95
CL=100pF
RL=1MΩ
VGEN=0V
RGEN=0Ω
23
pC
2.3-2.7
32
3.0-3.3
40
3.6-4.3
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com