Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3689DTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STG3689DTR
Description  Low Voltage 0.9Ω max dual SPDT Switch with break-before-make feature
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3689DTR Datasheet(HTML) 1 Page - STMicroelectronics

  STG3689DTR Datasheet HTML 1Page - STMicroelectronics STG3689DTR Datasheet HTML 2Page - STMicroelectronics STG3689DTR Datasheet HTML 3Page - STMicroelectronics STG3689DTR Datasheet HTML 4Page - STMicroelectronics STG3689DTR Datasheet HTML 5Page - STMicroelectronics STG3689DTR Datasheet HTML 6Page - STMicroelectronics STG3689DTR Datasheet HTML 7Page - STMicroelectronics STG3689DTR Datasheet HTML 8Page - STMicroelectronics STG3689DTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
August 2006
Rev 2
1/16
16
Features
■ Low quiescent supply current:
–Max
±50µA for V
1IN, V2IN = 1.80V
at VCC = 4.3V
■ Ultra low power dissipation:
–ICC = 0.2µA (Max.) at TA = 85°C, VIN = 0V
■ Switch S1: Low “ON” resistance VIN = 0V:
–RON = 0.7Ω (Max. TA =25°C) at VCC = 4.3V
–RON = 0.9Ω (Max. TA = 25°C) at VCC = 3V
■ Wide operating voltage range:
–VCC (OPR) = 1.65V to 4.3V single supply
■ 4.3V Tolerant and 1.8V compatible threshold
on digital control input at VCC = 1.65 to 4.3V
■ Latch-up performance exceed 300mA (JESD
17)
■ ESD performance (Analog chan. Vs. GND):
HBM >2kV (MIL STD 883 method 3015)
Description
The STG3689 is a high-speed CMOS low voltage
dual analog S.P.D.T. (Single Pole Dual Throw)
switch or 2:1 Multiplexer/Demultiplexer switch
fabricated in silicon gate C2MOS technology. It is
designed to operate from 1.65V to 4.3V, making
this device ideal for portable applications.
The nIN inputs are provided to control the
switches.
The switches nS1 are ON (they are
connected to common Ports Dn) when the
nIN input is held high and OFF (high
impedance state exists between the two
ports) when nIN is held low. The switches
nS2 are ON (they are connected to common
Ports Dn) when the nIN input is held low and
OFF (high impedance state exists between
the two ports) when IN is held high.
Additional key features are fast switching speed,
and ultra low power consumption. All inputs and
outputs are equipped with protection circuits
against static discharge, giving them ESD
immunity and transient excess voltage.
TDFN10
STG3689
Low Voltage 0.9
Ω max dual SPDT Switch
with break-before-make feature
www.st.com
Order codes
Part number
Package
Packaging
STG3689DTR
TDFN10 (2.5mm x 1.3mm)
Tape & Reel


Similar Part No. - STG3689DTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3680 STMICROELECTRONICS-STG3680 Datasheet
260Kb / 11P
LOW VOLTAGE 0.5/0.8ΩMAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
May 2004 Rev. 3
STG3680 STMICROELECTRONICS-STG3680 Datasheet
531Kb / 11P
LOW VOLTAGE 0.5/0.8Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3680QTR STMICROELECTRONICS-STG3680QTR Datasheet
260Kb / 11P
LOW VOLTAGE 0.5/0.8ΩMAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
May 2004 Rev. 3
STG3680 STMICROELECTRONICS-STG3680_05 Datasheet
531Kb / 11P
LOW VOLTAGE 0.5/0.8Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3682 STMICROELECTRONICS-STG3682 Datasheet
303Kb / 19P
Low voltage high bandwidth dual SPDT switch
04-Dec-2006
More results

Similar Description - STG3689DTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3699 STMICROELECTRONICS-STG3699 Datasheet
274Kb / 12P
LOW VOLTAGE 0.5ΩMAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
14-May-2004
STG3680 STMICROELECTRONICS-STG3680 Datasheet
260Kb / 11P
LOW VOLTAGE 0.5/0.8ΩMAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
May 2004 Rev. 3
STG3690 STMICROELECTRONICS-STG3690 Datasheet
171Kb / 11P
LOW VOLTAGE 5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Jan-2004
STG3684 STMICROELECTRONICS-STG3684 Datasheet
256Kb / 11P
LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
18-May-2004
STG3699A STMICROELECTRONICS-STG3699A Datasheet
525Kb / 11P
LOW VOLTAGE 0.5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
23-Mar-2005
STG3685 STMICROELECTRONICS-STG3685 Datasheet
498Kb / 10P
LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH, SINGLE ENABLE WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3699B STMICROELECTRONICS-STG3699B Datasheet
264Kb / 19P
Low Voltage 0.5ohm Max, Quad SPDT Switch with break-before-make feature
17-Feb-2006
STG3699 STMICROELECTRONICS-STG3699_05 Datasheet
371Kb / 12P
LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3680 STMICROELECTRONICS-STG3680_05 Datasheet
531Kb / 11P
LOW VOLTAGE 0.5/0.8Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3684 STMICROELECTRONICS-STG3684_05 Datasheet
562Kb / 11P
LOW VOLTAGE 0.5Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com