Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED316S Datasheet(PDF) 21 Page - STMicroelectronics

Part # STLED316S
Description  Serial-interfaced 6-digit LED controller with keyscan
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED316S Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STLED316S Datasheet HTML 17Page - STMicroelectronics STLED316S Datasheet HTML 18Page - STMicroelectronics STLED316S Datasheet HTML 19Page - STMicroelectronics STLED316S Datasheet HTML 20Page - STMicroelectronics STLED316S Datasheet HTML 21Page - STMicroelectronics STLED316S Datasheet HTML 22Page - STMicroelectronics STLED316S Datasheet HTML 23Page - STMicroelectronics STLED316S Datasheet HTML 24Page - STMicroelectronics STLED316S Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
STLED316S
Commands
21/33
address/auto increment. The address pointer will indicate the configuration location and
write signal writes the configuration data into the respective location.
The memory block is split into two page locations. One is for the 7-segment brightness
configuration memory and the other is for the LED (discrete) configuration memory. The
configuration memory address starts from 0x00 to 0x07. The configuration page address is
“10” and “11”.
Initial Value:
Table 13.
Memory page mapping
Description:
Address 0x00; page 0x10
LSB 0 – 2
→indicates the number of digits in the display
LSB3 MSB 4
→'11' is for constant brightness control for the display
→'00' is for variable brightness control for the display
→'01' is reserved
→'10' is reserved
MSB 5 – 7
→indicates constant brightness control value for all including the LED
(discrete)
Default is constant brightness control with 14/16 pulse width (for maximum brightness).
Page 0x10 - address 0x01 to 0x03 is for the variable brightness control value for 7
segments:
Table 14.
Digit address mapping
Default is constant brightness control with 14/16 pulse width.
Page0x11 - address 0x00 to 0x03 is for the variable brightness control value for LED
(discrete)
Memory page
Address
Value
10
00
0xFB
10
01
0x00
10
02
0x00
10
03
0x00
11
00
0x00
11
01
0x00
11
02
0x00
11
03
0x00
Address
MSB
LSB
0x01
Digit 2
Digit 1
0x02
Digit 4
Digit 3
0x03
Digit 6
Digit 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com