Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED316S Datasheet(PDF) 26 Page - STMicroelectronics

Part # STLED316S
Description  Serial-interfaced 6-digit LED controller with keyscan
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED316S Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STLED316S Datasheet HTML 22Page - STMicroelectronics STLED316S Datasheet HTML 23Page - STMicroelectronics STLED316S Datasheet HTML 24Page - STMicroelectronics STLED316S Datasheet HTML 25Page - STMicroelectronics STLED316S Datasheet HTML 26Page - STMicroelectronics STLED316S Datasheet HTML 27Page - STMicroelectronics STLED316S Datasheet HTML 28Page - STMicroelectronics STLED316S Datasheet HTML 29Page - STMicroelectronics STLED316S Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
Key-scanning and display timing
STLED316S
26/33
9.1
Serial communication format (reception)
The figure below shows the “reception” by STLED316S for command/data write sequence.
The STB must be low for 1 µs before the first and last clock rise. The minimum time the STB
must remain low is 9 µs.
The maximum clock frequency is 1 MHz with a duty cycle of 50%. Data set-up and hold time
must be 100 ns.
Figure 5.
Serial communication format (reception)
STB
DIN
CLK
If data are contiguous
b1
b0
b2
b6
b7
23
CS15561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com