Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP24DP05 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP24DP05
Description  24-bit constant current LED sink driver with output error detection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP24DP05 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP24DP05 Datasheet HTML 2Page - STMicroelectronics STP24DP05 Datasheet HTML 3Page - STMicroelectronics STP24DP05 Datasheet HTML 4Page - STMicroelectronics STP24DP05 Datasheet HTML 5Page - STMicroelectronics STP24DP05 Datasheet HTML 6Page - STMicroelectronics STP24DP05 Datasheet HTML 7Page - STMicroelectronics STP24DP05 Datasheet HTML 8Page - STMicroelectronics STP24DP05 Datasheet HTML 9Page - STMicroelectronics STP24DP05 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Electrical ratings
STP24DP05
6/26
2.3
Recommended operating conditions
Table 6.
Recommended operating conditions
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VDD
Supply voltage
3.0
5.5
V
VO
Output voltage
20
V
IO
Output current
OUTn
5
80
mA
IOH
Output current
SERIAL-OUT
+10
mA
IOL
Output current
SERIAL-OUT
-10
mA
VIH
Input voltage
0.7VDD
VDD+0.3
V
VIL
Input voltage
-0.3
0.3VDD
V
twLAT
LE pulse width
VDD = 3.0 V to 5.0 V
15
ns
twCLK
CLK pulse width
15
ns
twEN
OE pulse width
150
ns
tSETUP(D) Setup time for DATA
15
ns
tHOLD(D) Hold time for DATA
5
ns
tSETUP(L) Setup time for LATCH
10
ns
fCLK
Clock frequency
Cascade operation (1)
1.
If the device is connected in cascade, it may not be possible achieve the maximum data transfer. Please
consider the timings carefully.
25
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com