Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP24DP05 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STP24DP05
Description  24-bit constant current LED sink driver with output error detection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP24DP05 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STP24DP05 Datasheet HTML 11Page - STMicroelectronics STP24DP05 Datasheet HTML 12Page - STMicroelectronics STP24DP05 Datasheet HTML 13Page - STMicroelectronics STP24DP05 Datasheet HTML 14Page - STMicroelectronics STP24DP05 Datasheet HTML 15Page - STMicroelectronics STP24DP05 Datasheet HTML 16Page - STMicroelectronics STP24DP05 Datasheet HTML 17Page - STMicroelectronics STP24DP05 Datasheet HTML 18Page - STMicroelectronics STP24DP05 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
STP24DP05
Feature description
15/26
7
Feature description
7.1
DG: gradual outputs delay
This feature prevents large inrush current and reduces the bypass capacitors.
The fixed delay time can be activated with DG = LOW and the typical output delay is 20 ns
for each group of 8 outputs R, G, B. Eg: R1, G1, B1 has no delay, R2, G2, B2 has 20 ns
delay and R3, G3, B3, has 40 ns delay, etc.
7.2
Error detection condition
Note:
IO = the output current programmed by the REXT
IODEC = the detected output current in detection mode
Table 9.
Typical gradual delay time table
Delay time (ns) from OExx
R1
G1
B1
R2
G2
B2
R3
G3
B3
R4
G4
B4
R5
G5
B5
R6
G6
B6
R7
G7
B7
R8
G8
B8
DG = 0
0
30
60
90
120
150
180
200
DG = 1
0
0
00000
Table 10.
Detection conditions (VDD = 3.3 to 5 V, IO = 20 mA, tA = 25 °C)
SW-1 Open
or SW-3b
Open line or output short
to GND detected
=> IODEC ≤ 0.4 x IO
No error
detected
=> IODEC ≥ 0.35 x IO
SW-2
Closed or
SW-3a
Short on LED or short to
V-LED detected
=> VO ≥ 2.6 V
No error
detected
=> VO ≤ 2.4 V
Table 11.
Typical current threshold values to detect LED open line
Iset (mA)
Rext (
Ω)
Typ. out current detection (mA)
5
3920
1.28
10
1960
2.45
20
980
7.4
50
386
17
80
241
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com