Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPIC6C595 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPIC6C595
Description  Power logic 8-bit shift register
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPIC6C595 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STPIC6C595 Datasheet HTML 2Page - STMicroelectronics STPIC6C595 Datasheet HTML 3Page - STMicroelectronics STPIC6C595 Datasheet HTML 4Page - STMicroelectronics STPIC6C595 Datasheet HTML 5Page - STMicroelectronics STPIC6C595 Datasheet HTML 6Page - STMicroelectronics STPIC6C595 Datasheet HTML 7Page - STMicroelectronics STPIC6C595 Datasheet HTML 8Page - STMicroelectronics STPIC6C595 Datasheet HTML 9Page - STMicroelectronics STPIC6C595 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Electrical characteristics
STPIC6C595
6/22
3
Electrical characteristics
3.1
DC characteristics
Table 5. DC characteristics (VCC = 5 V, TC = 25 °C, unless otherwise specified.)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
V(BR)DSX
Drain-to-source
breakdown voltage
ID = 1 mA
33
37
V
VSD
Source-to-drain diode
forward voltage
IF = 100 mA
0.85
1.2
V
VOH
High level output
voltage SER OUT
IOH = -20 µA, VCC = 4.5 V
4.4
4.49
V
IOH = -4 mA, VCC = 4.5 V
44.2
V
VOL
Low level output
voltage SER OUT
IOH = 20 µA, VCC = 4.5 V
0.005
0.1
V
IOH = 4 mA, VCC = 4.5 V
0.3
0.5
V
IIH
High level input current VCC = 5.5 V, VI = VCC
1
µA
IIL
Low level input current
VCC = 5.5 V, VI = 0
-1
µA
ICC
Logic supply current
VCC = 5.5 V ,all outputs OFF
or ON
20
200
µA
ICC(FRQ)
Logic supply current at
frequency
fSRCK = 5 MHz, CL = 30 pF
All outputs OFF
(See Figure 6, Figure 18 and
Figure 19)
0.2
2
mA
IN
Nominal current
VDS(on) = 0.5 VIN = ID
TC = 85 °C
(See Note 5, Note 6, Note 7)
90
mA
IDSX
Off-state drain current
VDS = 30 V, VCC = 5.5 V
0.3
5
µA
VDS = 30 V, VCC =5.5 V or 0 V
TC = 125 °C
0.6
8
µA
RDS(on)
Static drain source on
state resistance
(See Note 5, Note 6
and Figure 14,
Figure 16)
ID = 50 mA, VCC = 4.5 V
4.5
6
W
ID = 50 mA, VCC = 4.5 V
TC = 125 °C
6.5
9
W
ID = 100 mA, VCC = 4.5 V
4.5
6
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com