Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPIC6C595 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPIC6C595
Description  Power logic 8-bit shift register
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPIC6C595 Datasheet(HTML) 4 Page - STMicroelectronics

  STPIC6C595 Datasheet HTML 1Page - STMicroelectronics STPIC6C595 Datasheet HTML 2Page - STMicroelectronics STPIC6C595 Datasheet HTML 3Page - STMicroelectronics STPIC6C595 Datasheet HTML 4Page - STMicroelectronics STPIC6C595 Datasheet HTML 5Page - STMicroelectronics STPIC6C595 Datasheet HTML 6Page - STMicroelectronics STPIC6C595 Datasheet HTML 7Page - STMicroelectronics STPIC6C595 Datasheet HTML 8Page - STMicroelectronics STPIC6C595 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Maximum rating
STPIC6C595
4/22
2
Maximum rating
Stressing the device above the rating listed in the “absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
program and other relevant quality documents.
2.1
Absolute maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Logic supply voltage (See Note 1)7
V
VI
Logic input voltage range
-0.3 to 7
V
VDS
Power DMOS drain to source voltage (See Note 2)33
V
IDS
Continuous source to drain diode anode current
250
mA
IDS
Pulsed source to drain diode anode current
(See Note 3)
500
mA
ID
Pulsed drain current, each output, all output ON
(TC = 25 °C)
250
mA
ID
Continuous current, each output, all output ON
(TC = 25 °C)
100
mA
ID
Peak drain current single output
(TC = 25 °C) (See Note 3)
250
mA
EAS
Single pulse avalanche energy
(See Figure 11 and Figure 12)
30
mJ
IAS
Avalanche current (See Note 4 and Figure 17)200
mA
Pd
Continuous total dissipation (TC ≤ 25 °C)
1087
mW
Pd
Continuous total dissipation (TC = 125 °C)
217
mW
TJ
Operating virtual junction temperature range
-40 to +150
°C
TC
Operating case temperature range
-40 to +125
°C
Tstg
Storage temperature range
-65 to +150
°C
TL
Lead temperature 1.6 mm (1/16 inch) from case for 10
seconds
260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com