Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPIC6D595M Datasheet(PDF) 7 Page - STMicroelectronics

Part # STPIC6D595M
Description  Power logic 8-bit shift register
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPIC6D595M Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STPIC6D595M Datasheet HTML 3Page - STMicroelectronics STPIC6D595M Datasheet HTML 4Page - STMicroelectronics STPIC6D595M Datasheet HTML 5Page - STMicroelectronics STPIC6D595M Datasheet HTML 6Page - STMicroelectronics STPIC6D595M Datasheet HTML 7Page - STMicroelectronics STPIC6D595M Datasheet HTML 8Page - STMicroelectronics STPIC6D595M Datasheet HTML 9Page - STMicroelectronics STPIC6D595M Datasheet HTML 10Page - STMicroelectronics STPIC6D595M Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
STPIC6D595
Electrical characteristics
7/20
3.2
Switching characteristics
Note:
1
All voltage value are with respect to GND
2
Each power DMOS source is internally connected to GND
3
Pulse duration
≤ 100µs and duty cycle ≤ 2%
4
Technique should limit TJ - TC to 10°C maximum
5
These parameters are measured with voltage sensing contacts separate from the current-
carrying contacts.
6
Nominal Current is defined for a consistent comparison between devices from different
sources. It is the current that produces a voltage drop of 0.5V at TC = 85°C.
Table 6. Switching characteristics (VCC = 5V, TC = 25°C, unless otherwise specified.)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
tPHL
Propagation delay time, high
to low level output from G
CL = 30pFID = 75mA
(See Figure 3,
Figure 4, Figure 5,
Figure 6,)
19
30
ns
tPLH
Propagation delay time, low
to high level output from G
46
70
ns
tPHL-SDO
Propagation delay time, Clock
to SDO
14
20
ns
tPLH-SDO
Propagation delay time, Clock
to SDO
14
20
ns
tPLH-R_O
Propagation delay low to high
level RCK to OUT
62
90
ns
tPHL-R_O
Propagation delay high to low
level RCK to OUT
13
18
ns
tPLH-S_SO
Propagation delay low to high
level SCK to SDO
14
20
ns
tPHL-S_SO
Propagation delay high to low
level SCK to SDO
14
20
ns
tr
Rise time, drain output
20
30
ns
tf
Fall time, drain output
15
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com