Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPIC6D595M Datasheet(PDF) 9 Page - STMicroelectronics

Part # STPIC6D595M
Description  Power logic 8-bit shift register
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPIC6D595M Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STPIC6D595M Datasheet HTML 5Page - STMicroelectronics STPIC6D595M Datasheet HTML 6Page - STMicroelectronics STPIC6D595M Datasheet HTML 7Page - STMicroelectronics STPIC6D595M Datasheet HTML 8Page - STMicroelectronics STPIC6D595M Datasheet HTML 9Page - STMicroelectronics STPIC6D595M Datasheet HTML 10Page - STMicroelectronics STPIC6D595M Datasheet HTML 11Page - STMicroelectronics STPIC6D595M Datasheet HTML 12Page - STMicroelectronics STPIC6D595M Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
STPIC6D595
Typical operating circuit
9/20
5
Typical operating circuit
Figure 3.
Typical operation mode test circuits
Figure 4.
Typical operation mode waveforms
Note:
1
A) The word generator has the following characteristics: tr ≤ 10ns, tf ≤ 10ns, tW = 300ns,
pulse repetition rate (PRR) = 5KHz, ZO = 50Ω
2B) CL includes probe and jig capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com