Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22100B1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M22100B1
Description  4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M22100B1 Datasheet(HTML) 4 Page - STMicroelectronics

  M22100B1 Datasheet HTML 1Page - STMicroelectronics M22100B1 Datasheet HTML 2Page - STMicroelectronics M22100B1 Datasheet HTML 3Page - STMicroelectronics M22100B1 Datasheet HTML 4Page - STMicroelectronics M22100B1 Datasheet HTML 5Page - STMicroelectronics M22100B1 Datasheet HTML 6Page - STMicroelectronics M22100B1 Datasheet HTML 7Page - STMicroelectronics M22100B1 Datasheet HTML 8Page - STMicroelectronics M22100B1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
M22100B
4/10
DC SPECIFICATIONS
The Noise Margin for both "1" and "0" level is: 1V min. with VDD=5V, 2V min. with VDD=10V, 2.5V min. with VDD=15V
* : Determined by minimum feasible leakage measurement for automating testing
Symbol
Parameter
Test Condition
Value
Unit
VI
(V)
VDD
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
IL
Quiescent Supply
Current
F1
5
0.04
5
150
150
µA
10
0.04
10
300
300
15
0.04
20
600
600
20
0.08
100
3000
3000
B1
5
0.04
20
150
150
10
0.04
40
300
300
15
0.04
80
600
600
RON
Resistance
F1
Any
Switch
5
225
1250
1625
1625
Ω
10
85
180
230
230
12
75
135
175
175
15
65
95
125
125
B1
VIS =
0 to VDD
5
225
1250
1440
1440
10
85
180
205
205
12
75
135
155
155
15
65
95
110
110
∆
ON
Resistance
∆
RON
(between any two
channels)
535
Ω
10
20
12
18
15
15
OFF Channel Leak-
age Current
F1
All
Switch
OFF
0/18
18
±10-3 ± 0.1*
±1
±1
µA
B1
0/15
15
±10-3 ± 0.3
±1
±1
CONTROL
VIL
Low Level Input
Voltage
5
1.5
1.5
1.5
V
10
3
3
3
15
4
4
4
VIH
High Level Input
Voltage
5
3.5
3.5
3.5
V
10
7
7
7
15
11
11
11
II
Input Current
F1
Any
Control
Input
0/18
18
±10-5 ±0.1*
±1
±1
µA
B1
0/15
15
±10-5 ±0.3
±1
±1
CI
Input Capacitance
Any Input
5
7.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com