Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22100B1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M22100B1
Description  4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M22100B1 Datasheet(HTML) 5 Page - STMicroelectronics

  M22100B1 Datasheet HTML 1Page - STMicroelectronics M22100B1 Datasheet HTML 2Page - STMicroelectronics M22100B1 Datasheet HTML 3Page - STMicroelectronics M22100B1 Datasheet HTML 4Page - STMicroelectronics M22100B1 Datasheet HTML 5Page - STMicroelectronics M22100B1 Datasheet HTML 6Page - STMicroelectronics M22100B1 Datasheet HTML 7Page - STMicroelectronics M22100B1 Datasheet HTML 8Page - STMicroelectronics M22100B1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
M22100B
5/10
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ, tr = tf = 20 ns)
Symbol
Parameter
Test Condition
Value (*)
Unit
fI
(KHz)
RL
(K
Ω)
VIS
(1)
(V)
VDD
(V)
Min.
Typ.
Max.
CROSSPOINT
tPHL tPLH Propagation Delay Time
(Address or Strobe
Inputs to Output)
10
5
5
30
60
ns
10
10
15
30
15
15
10
20
Frequency Response
(Any Switch ON)
11
5
10
40
MHz
Sine Wave Input
20 Log VOS/VIS = -3dB
Sine Wave Distortion
11
5
10
0.5
%
Feedthrough (All
Switches OFF)
1.6
1
5
10
80
dB
Sine Wave Input
Frequency for Signal
Crosstalk Attenuation of
40 dB
110
10
1.5
MHz
Sine Wave Input
Frequency for Signal
Crosstalk Attenuation of
110 dB
110
10
0.1
KHz
Sine Wave Input
C
Capacitance Xn to
Ground, Yn to Ground,
Feedthrough
5 / 15
18
pF
30
0.4
CONTROLS
tPHZ
Propagation Delay Time
Strobe to Output
(Switch Turn-ON to High
Level)
RL = 1KΩ
CL = 50pF
tr, tf = 20ns
See Figure 1
5
500
1000
ns
10
230
460
15
145
290
tPZH
Propagation Delay Time
Data-In to Output
(Switch Turn-ON to High
Level)
See Figure 2
5
500
1000
ns
10
220
440
15
135
270
tPZH
Propagation Delay Time
Address to Output
(Switch Turn-ON to High
Level)
See Figure 3
5
480
960
ns
10
225
450
15
150
300
tPHZ
Propagation Delay Time
Strobe to Output
(Switch Turn-OFF)
See Figure 1
5
450
900
ns
10
200
400
15
165
330
tPZL
Propagation Delay Time
Data-In to Output
(Switch Turn-ON to Low
Level)
See Figure 2
5
500
1000
ns
10
220
440
15
135
270
tPHZ
Propagation Delay Time
Address to Output
(Switch Turn-OFF)
See Figure 3
5
425
850
ns
10
190
380
15
145
290
tsetup
Setup Time Data-In to
Strobe, Address
5
200
400
ns
10
80
160
15
50
100



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com