Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS32 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLVDS32
Description  HIGH SPEED DIFFERENTIAL LINE RECEIVERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS32 Datasheet(HTML) 3 Page - STMicroelectronics

  STLVDS32 Datasheet HTML 1Page - STMicroelectronics STLVDS32 Datasheet HTML 2Page - STMicroelectronics STLVDS32 Datasheet HTML 3Page - STMicroelectronics STLVDS32 Datasheet HTML 4Page - STMicroelectronics STLVDS32 Datasheet HTML 5Page - STMicroelectronics STLVDS32 Datasheet HTML 6Page - STMicroelectronics STLVDS32 Datasheet HTML 7Page - STMicroelectronics STLVDS32 Datasheet HTML 8Page - STMicroelectronics STLVDS32 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STLVDS32
3/13
TRUTH TABLE
L = Low level, H = High Level, X = Don’t care, Z = High Impedance,? = Indeterminate
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
Note 1: All voltages except differential I/O bus voltage, are with respect to the network ground terminal.
RECOMMENDED OPERATING CONDITIONS
DIFFERENTIAL INPUTS
ENABLES
OUTPUT
A, B
G
G
Y
VID ≥ 100mV
HX
H
XL
H
-100mV < VID < 100mV
HX
?
XL
?
VID ≤ -100mV
HX
L
XL
L
XL
H
Z
OPEN
HX
H
XL
H
Symbol
Parameter
Value
Unit
VCC
Supply Voltage (Note 1)
-0.5 to 4.6
V
VI
Input Voltage
-0.5 to (VCC + 0.5)
V
VI
Input Voltage (A or B inputs)
-0.5 to 4.6
V
ESD
Human Body Model
Pins Receivers
7
KV
All Pins vs GND
3
Tstg
Storage Temperature Range
-65 to +150
°C
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
3.0
3.3
3.6
V
VIH
HIGH Level Input Voltage (ENABLE)
2.0
V
VIL
LOW Level Input Voltage (ENABLE)
0.8
V
|VID|
Magnitude of Differential Input Voltage
0.1
0.6
V
VIC
Common Mode Input Voltage
0.5|VID|
2.4-0.5|VID|V
VCC - 0.8
TA
Operating Temperature Range
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com