Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS32 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLVDS32
Description  HIGH SPEED DIFFERENTIAL LINE RECEIVERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS32 Datasheet(HTML) 4 Page - STMicroelectronics

  STLVDS32 Datasheet HTML 1Page - STMicroelectronics STLVDS32 Datasheet HTML 2Page - STMicroelectronics STLVDS32 Datasheet HTML 3Page - STMicroelectronics STLVDS32 Datasheet HTML 4Page - STMicroelectronics STLVDS32 Datasheet HTML 5Page - STMicroelectronics STLVDS32 Datasheet HTML 6Page - STMicroelectronics STLVDS32 Datasheet HTML 7Page - STMicroelectronics STLVDS32 Datasheet HTML 8Page - STMicroelectronics STLVDS32 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
STLVDS32
4/13
ELECTRICAL CHARACTERISTICS (Over recommended operating conditions unless otherwise noted.
All typical values are at TA = 25°C, and VCC =3.3V)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VITH+
Positive Going Differential
Input Voltage Threshold
100
mV
VITH-
Negative Going Differential
Input Voltage Threshold
-100
mV
VOH
High Level Output Voltage
IOH = -8mA
2.4
V
IOH =-4mA
2.8
VOL
Low Level Output Voltage
IOH = 8mA
0.4
V
ICC
Supply Current for
STLVDS32, STLVDS3486
Enabled, No Load
10
18
mA
Disabled
0.25
0.5
mA
ICC
Supply Current for
STLVDS9637
No Load
4
10
mA
II
Input Current (A or B inputs) VI = 0V
-2
-10
-20
µA
VI = 2.4V
-1.2
-3
II(OFF)
Power off Input Current (A
or B inputs)
VCC =0
VI = 3.6V
10
20
µA
IIH
High Level Input Current
(EN, G, G or Inputs)
VIH =2V
10
µA
IIL
Low Level Input Current
(EN, G, G or Inputs)
VIL = 0.8V
10
µA
IOZ
High Impedance Output
Current
VO = 0 or VCC
± 10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com