Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS47BDR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLVDS47BDR
Description  3V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS47BDR Datasheet(HTML) 4 Page - STMicroelectronics

  STLVDS47BDR Datasheet HTML 1Page - STMicroelectronics STLVDS47BDR Datasheet HTML 2Page - STMicroelectronics STLVDS47BDR Datasheet HTML 3Page - STMicroelectronics STLVDS47BDR Datasheet HTML 4Page - STMicroelectronics STLVDS47BDR Datasheet HTML 5Page - STMicroelectronics STLVDS47BDR Datasheet HTML 6Page - STMicroelectronics STLVDS47BDR Datasheet HTML 7Page - STMicroelectronics STLVDS47BDR Datasheet HTML 8Page - STMicroelectronics STLVDS47BDR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
STLVDS47
4/10
ELECTRICAL CHARACTERISTICS (Typical values are at TA = 25°C, VCC = 3.3V ± 10%,
TA = -40 to 85 °C, unless otherwise specified). (Note 1, 2)
NOTE 1: Current into device pins is defined as positive. Current out of device pins as negative. All voltage are reference to ground except:
VOD1 and ∆VOD1.
NOTE 2: The STLVDS47 is a current mode device and only functions within datasheet specifications when a resostive load is applied to the
driver outputs typical range is (90
Ω to 110 Ω).
NOTE 3: Output short circuit current (IOS) is specified as magnitude only, minus sign indicates direction only.
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
VOD1
Differential Output Voltage
RL = 100 Ω
247
350
454
mV
∆V
OD1
Change in Magnitude of VOD1 for
Complementary Output States
-35
35
|mV|
VOC
Offset Voltage
1.125
1.2
1.375
V
∆V
OC
Change in Magnitude of VOS for
Complementary Output States
-25
25
|mV|
IIH
Input High Current
VIN =2V
20
µA
IIL
Input Low Current
VIN = 0.8V
10
µA
IOS
Output Short Circuit Current
(Note 3)
ENABLED,
DIN =VCC,
DOUT+ =0V orDIN =GND,
DOUT- =0V
610
mA
IOSD
Differential Output Short Circuit
(Note 3)
ENABLED, VOD = 0V
3
10
mA
IOFF
Power-off Leakage
VOUT = 0V or 3.6V,
VCC = 0V or Open
±1
µA
IOZ
Output TRI-STATE Current
EN = 0.8V and EN* = 2V
VOUT =0V orVCC
±1
µA
ICCL
Loaded Supply Current Drivers
Enabled
RL = 100 Ω All Channels,
DIN = VCC or GND (all inputs)
18
26
mA
ICCZ
No Load Supply Current Drivers
Disabled
DIN = VCC or GND,
EN = GND, EN* = VCC
0.4
1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com