Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS47BDR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLVDS47BDR
Description  3V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS47BDR Datasheet(HTML) 1 Page - STMicroelectronics

  STLVDS47BDR Datasheet HTML 1Page - STMicroelectronics STLVDS47BDR Datasheet HTML 2Page - STMicroelectronics STLVDS47BDR Datasheet HTML 3Page - STMicroelectronics STLVDS47BDR Datasheet HTML 4Page - STMicroelectronics STLVDS47BDR Datasheet HTML 5Page - STMicroelectronics STLVDS47BDR Datasheet HTML 6Page - STMicroelectronics STLVDS47BDR Datasheet HTML 7Page - STMicroelectronics STLVDS47BDR Datasheet HTML 8Page - STMicroelectronics STLVDS47BDR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
December 2002
s
>400 MBPS (200MHZ) SWITCHING RATES
s
FLOW-THROUGH PINOUT SIMPLIFIES PCB
LAYOUT
s
300ps (MAX.) DIFFERENTIAL SKEW
s
1.8 ns (TYP.) PROPAGATION DELAY
s
3.3V POWER SUPPLY DESIGN
s
±350 mV DIFFERENTIAL SIGNALING
s
LOW POWER DISSIPATION (3.5mW AT 3.3V
STATIC IN TRISTATE)
s
INTEROPERABLE WITH EXISTING 5V LVDS
RECEIVERS
s
HIGH IMPEDANCE ON LVDS OUTPUT ON
POWER DOWN
s
CONFORMS TO TIA/EIA-644 LVDS
STANDARD
s
INDUSTRIAL OPERATING TEMPERATURE
RANGE (-40 °C TO +85 °C)
s
AVAILABLE IN SURFACE MOUNT (SOIC)
AND LOW PROFILE TSSOP PACKAGE
DESCRIPTION
The STLVDS47 is a quad CMOS flow-through
differential line driver designed for applications
requiring ultra low power dissipation and high data
rate. The device is designed to support data rates
in excess of 400Mbps (200 MHz) utilizing Low
Voltage Differential Signaling (LVDS) techology.
The STLVDS47 accepts low voltage TTL/CMOS
input levels and translates them to low voltage
(350 mV) differential output signals. In addition,
the driver support a TRI-STATE function that may
be used to disable the output stage, disabling the
load current, and thus dropping the device to an
ultra low idle power state of 1.3mW typical. The
STLVDS47 has a flow-through pinout for easy
PCB layout.
The EN and EN* inputs are ANDed together and
control the TRI-STATE output.
TheSTLVDS47and companionlinereceiver
(STLVDS48) provide a new alternative to high
power
pseudo-ECL
devices
for
high-speed
point-to-point interface applications.
ORDERING CODES
Type
Temperature
Range
Package
Comments
STLVDS47BD
-40 to 85 °C
SO-16 (Tube)
50 parts per tube / 20 tube per box
STLVDS47BDR
-40 to 85 °C
SO-16 (Tape & Reel)
2500 parts per reel
STLVDS47BTR
-40 to 85 °C
TSSOP-16 (Tape & Reel)
2500 parts per reel
STLVDS47
3V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER
SO-16
TSSOP


Similar Part No. - STLVDS47BDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS050 STMICROELECTRONICS-STLVDS050 Datasheet
285Kb / 11P
HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
May-2003
STLVDS050BD STMICROELECTRONICS-STLVDS050BD Datasheet
285Kb / 11P
HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
May-2003
STLVDS050BDR STMICROELECTRONICS-STLVDS050BDR Datasheet
285Kb / 11P
HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
May-2003
STLVDS050BTR STMICROELECTRONICS-STLVDS050BTR Datasheet
285Kb / 11P
HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
May-2003
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Jul-2003
More results

Similar Description - STLVDS47BDR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
3V LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B Datasheet
163Kb / 10P
3V LVDS Quad CMOS Differential Line Driver
DS90LV047A NSC-DS90LV047A Datasheet
268Kb / 12P
3V LVDS Quad CMOS Differential Line Driver
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
3V LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
3V LVDS Quad CMOS Differential Line Driver
DS90LV047A NSC-DS90LV047A_03 Datasheet
322Kb / 13P
3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV031AQML TI1-DS90LV031AQML Datasheet
249Kb / 14P
DS90LV031AQML 3V LVDS Quad CMOS Differential Line Driver
DS90LV031ATM-NOPB TI-DS90LV031ATM-NOPB Datasheet
912Kb / 19P
DS90LV031A 3V LVDS Quad CMOS Differential Line Driver
DS90LV047ATMX TI-DS90LV047ATMX Datasheet
1Mb / 21P
DS90LV047A 3V LVDS Quad CMOS Differential Line Driver
DS90LV031AQML TI1-DS90LV031AQML_14 Datasheet
347Kb / 15P
3V LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com