Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2042 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST2042
Description  Enhanced power switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2042 Datasheet(HTML) 1 Page - STMicroelectronics

  ST2042 Datasheet HTML 1Page - STMicroelectronics ST2042 Datasheet HTML 2Page - STMicroelectronics ST2042 Datasheet HTML 3Page - STMicroelectronics ST2042 Datasheet HTML 4Page - STMicroelectronics ST2042 Datasheet HTML 5Page - STMicroelectronics ST2042 Datasheet HTML 6Page - STMicroelectronics ST2042 Datasheet HTML 7Page - STMicroelectronics ST2042 Datasheet HTML 8Page - STMicroelectronics ST2042 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
May 2007
Rev 5
1/12
12
Features
80mΩ high-side MOSFET switch
500mA continuos current per channel
Thermal and short-circuit protection with
overcurrent logic output
Operating range from 2.7V to 5.5V
CMOS- and TTL-compatible enable inputs
10ms OC_N fault blanking
2.5ms typical rise time
Under voltage lock out
10µA maximum standby supply current
Ambient temperature range, -40°C to 85°C
Fault-blanking
Description
The ST2042 power distribution switches is
intended for application where heavy capacitive
loads and short circuits are likely to be
encountered. These devices incorporate 80m
.
N-channel MOSFET high-side power switches for
power-distribution systems that require multiple
powers switches in a single package. Each switch
is controlled by an independent logic enable input.
Gate drive is provided by an internal charge pump
designed to control the power-switch rise times
and fall times to minimize current surges during
switching.
The charge pump requires no external
components and allows operation from supplies
as low as 2.7 V. When the output load exceeds
the current-limit threshold or a short is present,
these devices limit the output current to a safe
level by switching into a constant-current mode,
pulling the overcurrent (OCx) logic output low. A
10ms deglitching circuit provides fault-blanking
feature, preventing the OC_N pin to be asserted
during hot-insertion or short spikes of overcurrent
conditions. When continuous heavy overloads
and short circuits increase the power dissipation
in the switch, causing the junction temperature to
rise, a thermal protection circuit shuts off the
switch to prevent damage. Recovery from a
thermal shutdown is automatic once the device
has cooled sufficiently. Internal circuitry ensures
the switch remains off until valid input voltage is
present. These power-distribution switches are
designed to
current limit at 0.9 A.
SO-8
ST2042
Enhanced power switch
www.st.com
Table 1.
Device summary
Part number
Package
Packaging
ST2042BD
SO-8
Tube
(50 parts per tube, 40 tube per box)
ST2042BDR
SO-8
Tape and reel (2500 parts per reel)


Similar Part No. - ST2042

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
Oct-2003
ST2042BD STMICROELECTRONICS-ST2042BD Datasheet
148Kb / 8P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
Oct-2003
ST2042BDR STMICROELECTRONICS-ST2042BDR Datasheet
148Kb / 8P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
Oct-2003
More results

Similar Description - ST2042

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPS2262 STMICROELECTRONICS-STMPS2262 Datasheet
336Kb / 7P
Enhanced Power Switch
12-Dec-2005
logo
WeEn Semiconductors
ACTT2S-800ETN WEEN-ACTT2S-800ETN Datasheet
409Kb / 12P
Enhanced, high temperature ACTT power switch
ACTT2W-800ETN WEEN-ACTT2W-800ETN Datasheet
225Kb / 14P
Enhanced, high temperature ACTT power switch
ACTT2X-800ETN WEEN-ACTT2X-800ETN Datasheet
262Kb / 14P
Enhanced, high temperature ACTT power switch
ACTT6-800CN WEEN-ACTT6-800CN Datasheet
205Kb / 14P
Enhanced ACTT power switch
ACTT6B-800CN WEEN-ACTT6B-800CN Datasheet
270Kb / 14P
Enhanced ACTT power switch
ACTT6X-800CN WEEN-ACTT6X-800CN Datasheet
240Kb / 14P
Enhanced ACTT power switch
ACTT10-800CTN WEEN-ACTT10-800CTN Datasheet
237Kb / 14P
Enhanced, high temperature ACTT power switch
ACTT10X-800CTN WEEN-ACTT10X-800CTN Datasheet
265Kb / 14P
Enhanced, high temperature ACTT power switch
ACTT12X-800CTN WEEN-ACTT12X-800CTN Datasheet
237Kb / 14P
Enhanced, high temperature ACTT power switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com