Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2054 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST2054
Description  Current limited Power distribution switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2054 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST2054_07 Datasheet HTML 3Page - STMicroelectronics ST2054_07 Datasheet HTML 4Page - STMicroelectronics ST2054_07 Datasheet HTML 5Page - STMicroelectronics ST2054_07 Datasheet HTML 6Page - STMicroelectronics ST2054_07 Datasheet HTML 7Page - STMicroelectronics ST2054_07 Datasheet HTML 8Page - STMicroelectronics ST2054_07 Datasheet HTML 9Page - STMicroelectronics ST2054_07 Datasheet HTML 10Page - STMicroelectronics ST2054_07 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ST2054
Electrical characteristics
7/13
Note:
1
Pulse testing techniques maintain junction temperature close to ambient temperature:
thermal effect must be takes into account separately.
2
Specified by design, not production tested.
3
Guaranteed by design.
Table 8.
Supply current characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISOL
Current low level
output
VIENX = 0, No Load,
0.05
2
µA
VIENX = 0, No Load,
TJ=-40 to 125°C
20
ISOH
Current low high
output
VIENX = VI, No Load,
140
180
µA
VIENX = VI, No Load,
TJ=-40 to 125°C
200
IL
Output leakage
current
VIENX = 0, Output connected to
GND, TJ=-40 to 125°C
20
µA
Table 9.
Undervoltage characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Low level input
voltage
22.5
V
VHYS
Hysteresis
100
mV
Table 10.
Overcurrent (OC) characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISINK
Sink current
VO = 5V
10
mA
VO
Output low voltage
IO = 5mA
0.5
V
IOFF
OFF-state current
VO = 5V VO = 3.3V
1
µA
TFB
Fault-blanking period
VI = 5.5V, TJ = 25°C
(See Note 2 and 3)
210
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com