Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2054 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST2054
Description  Current limited Power distribution switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2054 Datasheet(HTML) 1 Page - STMicroelectronics

  ST2054_07 Datasheet HTML 1Page - STMicroelectronics ST2054_07 Datasheet HTML 2Page - STMicroelectronics ST2054_07 Datasheet HTML 3Page - STMicroelectronics ST2054_07 Datasheet HTML 4Page - STMicroelectronics ST2054_07 Datasheet HTML 5Page - STMicroelectronics ST2054_07 Datasheet HTML 6Page - STMicroelectronics ST2054_07 Datasheet HTML 7Page - STMicroelectronics ST2054_07 Datasheet HTML 8Page - STMicroelectronics ST2054_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
May 2007
Rev 4
1/13
13
Features
■ 80mΩ high-side MOSFET switch
■ 500mA continuos current per channel
■ independent thermal and short-circuit
protection with overcurrent logic output
■ Operating range from 2.7V to 5.5V
■ CMOS- and TTL-compatible enable inputs
■ 10ms OC_N fault blanking
■ 2.5ms typical rise time
■ Under voltage lock out
■ 20µA maximum standby supply current
■ Ambient temperature range, -40°C to 85°C
■ ESD protection
Description
The ST2054 power distribution switches is
intended for application where heavy capacitive
loads and short circuits are likely to be
encountered. These devices incorporate 80m
Ω
N-channel MOSFET high-side power switches for
power-distribution systems that require multiple
powers switches in a single package. Each switch
is controlled by an independent logic enable input.
Gate drive is provided by an internal charge pump
designed to control the power-switch rise times
and fall times to minimize current surges during
switching. The charge pump requires no external
components and allows operation from supplies
as low as 2.7 V.
When the output load exceeds the current-limit
threshold or a short is present, these devices limit
the output current to a safe level by switching into
a constant-current mode, pulling the overcurrent
(OCx) logic output low. A 10ms deglitching circuit
provides fault-blanking feature, preventing the
OC_N pin to be asserted during hot-insertion or
short spikes of overcurrent conditions.
When continuous heavy overloads and short
circuits increase the power dissipation in the
switch, causing the junction temperature to rise, a
thermal protection circuit shuts off the switch to
prevent damage. Recovery from a thermal
shutdown is automatic once the device has
cooled sufficiently. Internal circuitry ensures the
switch remains off until valid input voltage is
present. These power-distribution switches are
designed to current limit at 0.9 A.
SO-16
ST2054
Current limited
Power distribution switches
www.st.com
Table 1.
Device summary
Part number
Package
Packaging
ST2054BD
SO-16
Tube
(50 parts per tube, 40 tube per box)
ST2054BDR
SO-16
Tape and reel (2500 parts per reel)


Similar Part No. - ST2054_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2054BD STMICROELECTRONICS-ST2054BD Datasheet
445Kb / 9P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
13-Jul-2005
ST2054BDR STMICROELECTRONICS-ST2054BDR Datasheet
445Kb / 9P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
13-Jul-2005
More results

Similar Description - ST2054_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
Oct-2003
ST2054 STMICROELECTRONICS-ST2054 Datasheet
445Kb / 9P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
13-Jul-2005
logo
Texas Instruments
TPS2041B TI-TPS2041B_07 Datasheet
1Mb / 49P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2066 TI-TPS2066_08 Datasheet
1Mb / 35P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
Current Limited, Power-Distribution Switches
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com