Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN1N20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STN1N20
Description  N - CHANNEL 200V - 1.2 ohm - 1A - SOT-223 POWER MOS TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN1N20 Datasheet(HTML) 1 Page - STMicroelectronics

  STN1N20 Datasheet HTML 1Page - STMicroelectronics STN1N20 Datasheet HTML 2Page - STMicroelectronics STN1N20 Datasheet HTML 3Page - STMicroelectronics STN1N20 Datasheet HTML 4Page - STMicroelectronics STN1N20 Datasheet HTML 5Page - STMicroelectronics STN1N20 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STN1N20
N - CHANNEL 200V - 1.2
Ω - 1A - SOT-223
POWER MOS TRANSISTOR
PRELIMINARY DATA
s
TYPICAL RDS(on) = 1.2
s
AVALANCHE RUGGED TECHNOLOGY
s
SOT-223 CAN BE WAVE OR REFLOW
SOLDERED
s
AVAILABLE IN TAPE AND REEL ON
REQUEST
s
150
oC OPERATING TEMPERATURE
s
APPLICATION ORIENTED
CHARACTERIZATION
APPLICATIONS
s
HARD DISK DRIVERS
s
SMALL MOTOR CURRENT SENSE
CIRCUITS
s
DC-DC CONVERTERS AND POWER
SUPPLIES
®
INTERNAL SCHEMATIC DIAGRAM
September 1999
1
2
2
3
SOT-223
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Value
Un it
VDS
Drain-source Volt age (VGS = 0)
200
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
200
V
VGS
G ate-source Voltage
± 20
V
ID(*)
Drain Current (continuous) at Tc =25
oC1
A
ID(*)
Drain Current (continuous) at Tc =100
oC
0.6
A
IDM(
•)
Drain Current (pulsed)
4
A
Ptot
T otal Dissipation at Tc =25
oC
2.9
W
Derating Fact or
0.023
W /
o C
Tstg
Storage T emperature
-65 t o 150
o C
Tj
Max. Operating Junction Temperat ure
150
o C
(
•) Pulse width limited by safe operating area
(*) Limite d by package
TYPE
VDSS
RDS(on)
IDCONT
STN1N20
200 V
< 1.5
1A
1/6


Similar Part No. - STN1N20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN1N20 STMICROELECTRONICS-STN1N20 Datasheet
515Kb / 12P
N-channel 200 V, 1.2 Ω, 1 A, SOT-223 MESH OVERLAY™ Power MOSFET
27-Jun-2011
STN1N20 STMICROELECTRONICS-STN1N20_V01 Datasheet
515Kb / 12P
N-channel 200 V, 1.2 Ω, 1 A, SOT-223 MESH OVERLAY™ Power MOSFET
27-Jun-2011
More results

Similar Description - STN1N20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN1NB80 STMICROELECTRONICS-STN1NB80 Datasheet
87Kb / 8P
N - CHANNEL 800V - 16 ohm - 0.2A - SOT-223 PowerMESH] MOSFET
Nov-1999
STN1NF10 STMICROELECTRONICS-STN1NF10 Datasheet
268Kb / 8P
N-CHANNEL 100V - 0.7ohm - 1A SOT-223 STripFET™ II POWER MOSFET
Oct-2001
STN2NE10 STMICROELECTRONICS-STN2NE10 Datasheet
62Kb / 5P
N - CHANNEL 100V - 0.33 ohm - 2A - SOT-223 STripFET POWER MOSFET
Jan-1999
STN2NF06L STMICROELECTRONICS-STN2NF06L Datasheet
290Kb / 8P
N-CHANNEL 60V - 0.1 ohm - 2A SOT-223 STripFET™ II POWER MOSFET
Nov-2002
STN3NE06L STMICROELECTRONICS-STN3NE06L Datasheet
64Kb / 5P
N - CHANNEL 60V - 0.10 ohm - 3A - SOT-223 STripFETO POWER MOSFET
Aug-1998
STP4N20 STMICROELECTRONICS-STP4N20 Datasheet
82Kb / 8P
N - CHANNEL 200V - 1.3 ohm - 4A TO-220 POWER MOS TRANSISTOR
Feb-1999
logo
Intersil Corporation
RFL1N18 INTERSIL-RFL1N18 Datasheet
43Kb / 5P
1A, 180V and 200V, 3.65 Ohm, N-Channel Power MOSFETs
January 1998
logo
STMicroelectronics
STN1HNK60 STMICROELECTRONICS-STN1HNK60 Datasheet
485Kb / 15P
N-CHANNEL 600V - 8-ohm - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH-TM MOSFET
22-Nov-2004
STN1NF20 STMICROELECTRONICS-STN1NF20 Datasheet
654Kb / 12P
N-channel 200 V, 1.1 ohm, 1 A SOT-223
04-Nov-2011
logo
New Jersey Semi-Conduct...
RFL1N10 NJSEMI-RFL1N10 Datasheet
96Kb / 2P
1A, 180V and 200V, 3.65 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com