Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN2NE10 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STN2NE10
Description  N - CHANNEL 100V - 0.33 ohm - 2A - SOT-223 STripFET POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN2NE10 Datasheet(HTML) 4 Page - STMicroelectronics

  STN2NE10 Datasheet HTML 1Page - STMicroelectronics STN2NE10 Datasheet HTML 2Page - STMicroelectronics STN2NE10 Datasheet HTML 3Page - STMicroelectronics STN2NE10 Datasheet HTML 4Page - STMicroelectronics STN2NE10 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DIM.
mm
mils
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a
2.27
2.3
2.33
89.4
90.6
91.7
b
4.57
4.6
4.63
179.9
181.1
182.3
c
0.2
0.4
0.6
7.9
15.7
23.6
d
0.63
0.65
0.67
24.8
25.6
26.4
e1
1.5
1.6
1.7
59.1
63
66.9
e4
0.32
12.6
f
2.9
3
3.1
114.2
118.1
122.1
g
0.67
0.7
0.73
26.4
27.6
28.7
l1
6.7
7
7.3
263.8
275.6
287.4
l2
3.5
3.5
3.7
137.8
137.8
145.7
L
6.3
6.5
6.7
248
255.9
263.8
C
C
B
E
L
a
b
f
g
c
d
l2
e4
P008B
SOT-223 MECHANICAL DATA
STN2NE10
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com