Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1001 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM1001
Description  Reset Circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1001 Datasheet(HTML) 1 Page - STMicroelectronics

  STM1001_05 Datasheet HTML 1Page - STMicroelectronics STM1001_05 Datasheet HTML 2Page - STMicroelectronics STM1001_05 Datasheet HTML 3Page - STMicroelectronics STM1001_05 Datasheet HTML 4Page - STMicroelectronics STM1001_05 Datasheet HTML 5Page - STMicroelectronics STM1001_05 Datasheet HTML 6Page - STMicroelectronics STM1001_05 Datasheet HTML 7Page - STMicroelectronics STM1001_05 Datasheet HTML 8Page - STMicroelectronics STM1001_05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
September 2005
STM1001
Reset Circuit
Rev 5.0
FEATURES SUMMARY
■
PRECISION MONITORING OF 3V, 3.3V, and
5V SUPPLY VOLTAGES
■
OPEN DRAIN RST OUTPUT
■
140ms RESET PULSE WIDTH (min)
■
LOW SUPPLY CURRENT - 6µA (typ)
■
GUARANTEED RST ASSERTION DOWN TO
VCC = 1.0V
■
OPERATING TEMPERATURE:
–40°C to 85°C (Industrial Grade)
■
LEAD-FREE, SMALL SOT23 PACKAGE
Figure 1. Logic Diagram
Figure 2. Package
Table 1. Signal Names
Figure 3. SOT23-3 Connections
AI09116
VCC
STM1001
VSS
RST
VSS
Ground
RST
Active-Low RESET Output (Open
Drain)
VCC
Supply Voltage
SOT23-3 (WX)
AI09117
2
3
1
RST
VCC
VSS


Similar Part No. - STM1001_05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1001L STMICROELECTRONICS-STM1001L Datasheet
185Kb / 13P
Reset Circuit
Nov-2004
STM1001LWX6F STMICROELECTRONICS-STM1001LWX6F Datasheet
185Kb / 13P
Reset Circuit
Nov-2004
STM1001M STMICROELECTRONICS-STM1001M Datasheet
185Kb / 13P
Reset Circuit
Nov-2004
STM1001MWX6F STMICROELECTRONICS-STM1001MWX6F Datasheet
185Kb / 13P
Reset Circuit
Nov-2004
STM1001R STMICROELECTRONICS-STM1001R Datasheet
185Kb / 13P
Reset Circuit
Nov-2004
More results

Similar Description - STM1001_05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM809 STMICROELECTRONICS-STM809 Datasheet
255Kb / 18P
Reset Circuit
Nov-2004
STM1001 STMICROELECTRONICS-STM1001 Datasheet
185Kb / 13P
Reset Circuit
Nov-2004
logo
Taiwan Semiconductor Co...
TS803R TSC-TS803R Datasheet
135Kb / 5P
Microprocessor Reset Circuit
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
Reset Circuit with Manual Reset
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815_05 Datasheet
237Kb / 6P
Microprocessor Reset Circuit
logo
STMicroelectronics
STM809 STMICROELECTRONICS-STM809_10 Datasheet
424Kb / 21P
Reset circuit
05-Jan-2010
logo
Taiwan Semiconductor Co...
TS3809 TSC-TS3809 Datasheet
259Kb / 7P
Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10_11 Datasheet
212Kb / 7P
Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10 Datasheet
212Kb / 7P
Microprocessor Reset Circuit
logo
Microchip Technology
MIC8115 MICROCHIP-MIC8115 Datasheet
761Kb / 14P
Microprocessor Reset Circuit
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com