Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1061 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM1061
Description  Low Power Voltage Detector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1061 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM1061_06 Datasheet HTML 15Page - STMicroelectronics STM1061_06 Datasheet HTML 16Page - STMicroelectronics STM1061_06 Datasheet HTML 17Page - STMicroelectronics STM1061_06 Datasheet HTML 18Page - STMicroelectronics STM1061_06 Datasheet HTML 19Page - STMicroelectronics STM1061_06 Datasheet HTML 20Page - STMicroelectronics STM1061_06 Datasheet HTML 21Page - STMicroelectronics STM1061_06 Datasheet HTML 22Page - STMicroelectronics STM1061_06 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Part Numbering
STM1061
20/23
8
Part Numbering
Table 8.
Ordering Information Scheme
Example:
STM1061
N
xx
WX
6
F
Device Type
STM1061
Output Type
N = Open Drain (Active-Low)
Threshold Voltage (1)
1.
Other thresholds voltage options are offered. Minimum order quantities may apply. Contact local
sales office for availability.
For other options, or for more information on any aspect of this device, please contact
the ST Sales Office nearest you.
xx = See Table 9 on page 21
Package
WX = SOT23-3
W = SOT323-3 (SC70-3) (1)
Temperature Range
6 = –40 to 85°C
Shipping Method
F = ECOPACK Package, Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com