Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1061 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM1061
Description  Low Power Voltage Detector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1061 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM1061_06 Datasheet HTML 15Page - STMicroelectronics STM1061_06 Datasheet HTML 16Page - STMicroelectronics STM1061_06 Datasheet HTML 17Page - STMicroelectronics STM1061_06 Datasheet HTML 18Page - STMicroelectronics STM1061_06 Datasheet HTML 19Page - STMicroelectronics STM1061_06 Datasheet HTML 20Page - STMicroelectronics STM1061_06 Datasheet HTML 21Page - STMicroelectronics STM1061_06 Datasheet HTML 22Page - STMicroelectronics STM1061_06 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
STM1061
Part Numbering
21/23
Table 9.
Factory-Trimmed Thresholds with Marking Description
Suffix
Threshold Voltage VTH– (V) at TA = 25°C
(1)
1.
Other VTH- thresholds are offered. Minimum order quantities may apply. Contact local sales office for
availability.
Topside Marking
Min (–2%)
Typ
Max (+2%)
16
1.568
1.600
1.632
16Nx
17
1.666
1.700
1.734
17Nx
19
1.862
1.900
1.938
19Nx
21
2.058
2.100
2.142
21Nx
22
2.156
2.200
2.244
22Nx
23
2.254
2.300
2.346
23Nx
25
2.450
2.500
2.550
25Nx
26
2.548
2.600
2.652
26Nx
27
2.646
2.700
2.754
27Nx
28
2.744
2.800
2.856
28Nx
29
2.842
2.900
2.958
29Nx
30
2.940
3.000
3.060
30Nx
31
3.038
3.100
3.162
31Nx
34
3.332
3.400
3.468
34Nx
38
3.724
3.800
3.876
38Nx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com