Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1404 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM1404
Description  3 V FIPS-140 security supervisor with battery switchover
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1404 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM1404_08 Datasheet HTML 13Page - STMicroelectronics STM1404_08 Datasheet HTML 14Page - STMicroelectronics STM1404_08 Datasheet HTML 15Page - STMicroelectronics STM1404_08 Datasheet HTML 16Page - STMicroelectronics STM1404_08 Datasheet HTML 17Page - STMicroelectronics STM1404_08 Datasheet HTML 18Page - STMicroelectronics STM1404_08 Datasheet HTML 19Page - STMicroelectronics STM1404_08 Datasheet HTML 20Page - STMicroelectronics STM1404_08 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
STM1404
Tamper detection
17/36
4
Tamper detection
4.1
Physical
There are four (4) high-impedance physical tamper detect input pins, 2 normally set to high
(NH) and 2 normally set to low (NL). Each input is designed with a glitch immunity (see
Table 7 on page 29). These inputs can be connected externally to several types of actuator
devices (e.g., switches, wire mesh). A tamper on any one of the four inputs that causes its
state to change will trigger the security alarm (SAL) and drive it to active-low. Once the
tamper condition no longer exists, the SAL will return to its normal high state.
TP1 and TP3 are set normally to high (NH). They are connected externally through a closed
switch or a high-impedance resistor to VOUT (in the case of STM1404A or STM1404A) or
VTPU (in the case of STM1404B/C), A tamper condition will be detected when the input pin
is pulled low (see Figure 5 and Figure 6 on page 10). If not used, tie the pin to VOUT or VTPU.
TP2 and TP4 are set normally to low (NL). They are connected externally through a high-
impedance resistor or a closed switch to VSS. A tamper condition will be detected when the
input pin is pulled high (see Figure 7 and Figure 8 on page 10). If not used, tie the pin to
VSS.
4.2
Supply voltage
The internally switched supply voltage, VINT (either VCC input or VBAT input) is continuously
monitored. If VINT should exceed the over voltage trip point, VHV (set at 4.2V, typical), or
should go below the under voltage trip point, VLV (set at 2.0v, typical). SAL will be driven
active-low. Once the tamper condition no longer exists, the SAL pin will return to its normal
high state.
4.3
Temperature
The STM1404 has a built-in, bandgap-based sensor to monitor the temperature. If a preset
(customer-selectable, factory-programmed) over-temperature trip point (TH) or under-
temperature trip point (TL) is exceeded, the SAL is asserted low.
When no tamper condition exists, SAL is normally high (see Section 2: Pin descriptions on
page 11).
When a tamper is detected, the SAL is activated (driven low), independent of the part type.
VOUT can be driven to one of three states, depending on which variant of STM1404 is being
used (see Table 1 on page 1):
●
ON
●
High-Z or
●
Ground (VSS)
Note:
The STM1404 must be initially powered above VRST to enable the tamper detection alarms.
For example, if the battery is on while VCC = 0 V, no alarm condition can be detected until
VCC rises above VRST (and trec expires). From this point on, alarms can be detected either
on battery or VCC. This is done to avoid false alarms when the device goes from no power to
its operational state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com