Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1404 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STM1404
Description  3 V FIPS-140 security supervisor with battery switchover
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1404 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM1404_08 Datasheet HTML 27Page - STMicroelectronics STM1404_08 Datasheet HTML 28Page - STMicroelectronics STM1404_08 Datasheet HTML 29Page - STMicroelectronics STM1404_08 Datasheet HTML 30Page - STMicroelectronics STM1404_08 Datasheet HTML 31Page - STMicroelectronics STM1404_08 Datasheet HTML 32Page - STMicroelectronics STM1404_08 Datasheet HTML 33Page - STMicroelectronics STM1404_08 Datasheet HTML 34Page - STMicroelectronics STM1404_08 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Part numbering
STM1404
32/36
9
Part numbering
Table 9.
Ordering information scheme (see Figure 31 on page 33 for marking information)
For other options, or for more information on any aspect of this device, please contact the ST sales office
nearest you.
Example:
STM1404
A
T
M
D
Q
6
F
Device type
STM1404: over/under temperature detect
VOUT status (SAL = active-low)
A: VOUT = ON; Vccsw = normal mode
B(1): VOUT = High-Z; Vccsw = high
1.
Contact local ST sales office for availability.
C: VOUT = ground; Vccsw = high
Reset threshold voltage
T: VRST = 3.00 V to 3.15 V
S: VRST = 2.85 V to 3.00 V
R: VRST = 2.55 V to 2.70 V
Battery low voltage detect threshold (VDET)
M: VDET = 2.3 V (typ)
N: VDET = 2.5 V (typ)
O: VDET = 3.2 V (typ)
Under (TL)/over (TH) temperature alarm thresholds (STM1404 only)
B: –25/+80°C
H: –35/+80°C
C: –25/+85°C
I: –35/+85°C
D: –25/+95°C
J: –35/+95°C
Package
Q = QFN16 (3 mm x 3 mm)
Temperature range
6 = –40 to 85°C
Shipping method
F = ECOPACK® package, tape & reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com