Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1068CF38F Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM1068CF38F
Description  Smart voltage supervisor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1068CF38F Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM1068CF38F Datasheet HTML 7Page - STMicroelectronics STM1068CF38F Datasheet HTML 8Page - STMicroelectronics STM1068CF38F Datasheet HTML 9Page - STMicroelectronics STM1068CF38F Datasheet HTML 10Page - STMicroelectronics STM1068CF38F Datasheet HTML 11Page - STMicroelectronics STM1068CF38F Datasheet HTML 12Page - STMicroelectronics STM1068CF38F Datasheet HTML 13Page - STMicroelectronics STM1068CF38F Datasheet HTML 14Page - STMicroelectronics STM1068CF38F Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
STM1068
Typical operating characteristics
11/22
Figure 7.
Supply current vs. supply voltage, VEN = 0 V
Figure 8.
Supply current vs. temperature, VEN = 0 V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Supply Voltage, VCC (V)
TA = -30 ˚C
TA = 85 ˚C
TA = 25 ˚C
TA = 0 ˚C
ai13944
0.45
0.50
0.55
0.60
0.65
-30
-20
-10
0
10
20
30
40
50
60
70
80
Temperature, TA (˚C)
VCC = 2.70 V
VCC = 3.50 V
VCC = 4.25 V
VCC = 5.00 V
VCC = 5.50 V
ai13945



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com