Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1068CF38F Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM1068CF38F
Description  Smart voltage supervisor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1068CF38F Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM1068CF38F Datasheet HTML 14Page - STMicroelectronics STM1068CF38F Datasheet HTML 15Page - STMicroelectronics STM1068CF38F Datasheet HTML 16Page - STMicroelectronics STM1068CF38F Datasheet HTML 17Page - STMicroelectronics STM1068CF38F Datasheet HTML 18Page - STMicroelectronics STM1068CF38F Datasheet HTML 19Page - STMicroelectronics STM1068CF38F Datasheet HTML 20Page - STMicroelectronics STM1068CF38F Datasheet HTML 21Page - STMicroelectronics STM1068CF38F Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Package marking information
STM1068
20/22
8
Package marking information
Table 9.
Factory-trimmed thresholds with marking description
Part number
Rising voltage detector threshold VTH+ at ambient temperature
TA from –30 to +85°C
Topside marking(1)
Min (–3%)
Typ
Max (+3%)
STM1068C20F38F
3.104
3.20
3.296
THS
yww
STM1068C25F38F
3.152
3.25
3.348
TIS
yww
STM1068C30F38F
3.201
3.30
3.399
TJS
yww
STM1068C35F38F
3.249
3.35
3.451
TKS
yww
STM1068C40F38F
3.298
3.40
3.502
TLS
yww
STM1068C45F38F
3.346
3.45
3.554
TMS
yww
STM1068C50F38F
3.395
3.50
3.605
TNS
yww
1.
Where “y” = assembly year (0 to 9) and “ww” = assembly work week (01 to 52).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com