Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM106845F38F Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM106845F38F
Description  Smart voltage supervisor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM106845F38F Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM106845F38F Datasheet HTML 11Page - STMicroelectronics STM106845F38F Datasheet HTML 12Page - STMicroelectronics STM106845F38F Datasheet HTML 13Page - STMicroelectronics STM106845F38F Datasheet HTML 14Page - STMicroelectronics STM106845F38F Datasheet HTML 15Page - STMicroelectronics STM106845F38F Datasheet HTML 16Page - STMicroelectronics STM106845F38F Datasheet HTML 17Page - STMicroelectronics STM106845F38F Datasheet HTML 18Page - STMicroelectronics STM106845F38F Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
STM1068
DC and AC characteristics
15/22
Table 6.
DC and AC characteristics
Sym
Parameter
Test condition(1)
Min
Typ
Max
Unit
VCC
Supply voltage
2.7
5.5
V
ICC
Supply current into VCC pin
VEN = 0 V
0.6
1
µA
VEN = 4 V
1.5
15
µA
ICC +IIN
Current into VCC + VIN pins
VEN = 0 V
5
µA
VEN = 4 V
15
µA
VTH+
Rising voltage detector threshold (see
Table 8 on page 19 for detailed listing)
–3%
VTH+
+3%
V
VHYST
Threshold hysteresis
0.3
0.5
V
VTH-
Falling voltage detector threshold
VTH+ - VHYST
V
tPD-FALL
(2)
VCC falling to OUT delay
VCC falling from
(VTH- + 100 mV) to
(VTH- - 100 mV) at
10 mV/µs
30
µs
tPD-RISE
(2)
VCC rising to OUT delay
VCC rising from
(VTH+ - 100 mV) to
(VTH+ + 100 mV) at
10 mV/µs
70
µs
VIN
Voltage on VIN pin
Supply for output pin
Allows 2.5 V rail,
VBAT or +5 V
2.4
5.5
V
Output pin, OUT(3)
VOUT-OH
Output high voltage
ISOURCE = 5 mA
VIN - 0.2
VIN
V
VOUT-OL
Output low voltage
ISINK = 10 mA
0.3
V
IOUT
Output current
5
15
mA
Enable input, EN
VEN-IH
When VBUS is valid
1.2
V
VEN-IL
When VBUS is not valid
0.4
V
IEN-IN
Enable input current
0.1
µA
EN glitch immunity
1
µs
Inhibit input, INH
VINH-IH
Inhibit logic high
1.2
V
VINH-IL
Inhibit logic low
0.4
V
VINH-IN
Inhibit input current
0.1
µA
INH glitch immunity
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com