Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM106845F38F Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM106845F38F
Description  Smart voltage supervisor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM106845F38F Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM106845F38F Datasheet HTML 12Page - STMicroelectronics STM106845F38F Datasheet HTML 13Page - STMicroelectronics STM106845F38F Datasheet HTML 14Page - STMicroelectronics STM106845F38F Datasheet HTML 15Page - STMicroelectronics STM106845F38F Datasheet HTML 16Page - STMicroelectronics STM106845F38F Datasheet HTML 17Page - STMicroelectronics STM106845F38F Datasheet HTML 18Page - STMicroelectronics STM106845F38F Datasheet HTML 19Page - STMicroelectronics STM106845F38F Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
DC and AC characteristics
STM1068
16/22
Pass gate between PKX and POX
RDS(on)
Static pass gate on resistance
300
Ω
1.
Valid for ambient operating temperature: TA = –30°C to +85°C; VCC = 2.7 V to 5.5 V (except where noted).
2.
Guaranteed by design.
3.
For VCC below VTH-, the output remains low down to VCC = 1 V. Below VCC = 1 V the voltage VIN must be less than VOUT-OL
(max.) to guarantee output low voltage less than 0.3 V.
Table 6.
DC and AC characteristics (continued)
Sym
Parameter
Test condition(1)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com