Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V1G05 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74V1G05
Description  SINGLE INVERTER (OPEN DRAIN)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1G05 Datasheet(HTML) 1 Page - STMicroelectronics

  74V1G05 Datasheet HTML 1Page - STMicroelectronics 74V1G05 Datasheet HTML 2Page - STMicroelectronics 74V1G05 Datasheet HTML 3Page - STMicroelectronics 74V1G05 Datasheet HTML 4Page - STMicroelectronics 74V1G05 Datasheet HTML 5Page - STMicroelectronics 74V1G05 Datasheet HTML 6Page - STMicroelectronics 74V1G05 Datasheet HTML 7Page - STMicroelectronics 74V1G05 Datasheet HTML 8Page - STMicroelectronics 74V1G05 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
April 2004
s
HIGH SPEED: tPD = 3.7ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =1µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
POWER DOWN PROTECTION ON INPUT
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 5.5V
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74V1G05 is an advanced high-speed CMOS
SINGLE INVERTER (OPEN DRAIN) fabricated
with sub-micron silicon gate and double-layer
metal wiring C2MOS technology.
The internal circuit is composed of 3 stages
including buffer output, which provide high noise
immunity and stable output.
Power down protection is provided on input and 0
to 7V can be accepted on input with no regard to
the supply voltage. This device can be used to
interface5V to3V.
74V1G05
SINGLE INVERTER (OPEN DRAIN)
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
T & R
SOT23-5L
74V1G05STR
SOT323-5L
74V1G05CTR
SOT323-5L
SOT23-5L


Similar Part No. - 74V1G05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G05 STMICROELECTRONICS-74V1G05 Datasheet
49Kb / 7P
SINGLE INVERTER OPEN DRAIN
Sep-1999
74V1G05C STMICROELECTRONICS-74V1G05C Datasheet
49Kb / 7P
SINGLE INVERTER OPEN DRAIN
Sep-1999
74V1G05S STMICROELECTRONICS-74V1G05S Datasheet
49Kb / 7P
SINGLE INVERTER OPEN DRAIN
Sep-1999
More results

Similar Description - 74V1G05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G05 STMICROELECTRONICS-74V1G05 Datasheet
49Kb / 7P
SINGLE INVERTER OPEN DRAIN
Sep-1999
74V1T05 STMICROELECTRONICS-74V1T05 Datasheet
47Kb / 7P
SINGLE INVERTER OPEN DRAIN
Sep-1999
logo
Toshiba Semiconductor
TC7SZ05F TOSHIBA-TC7SZ05F Datasheet
157Kb / 5P
INVERTER (OPEN DRAIN)
logo
STMicroelectronics
74LX1G05 STMICROELECTRONICS-74LX1G05 Datasheet
127Kb / 10P
SINGLE INVERTER OPEN DRAIN
Mar-2002
logo
Toshiba Semiconductor
TC7SA05F TOSHIBA-TC7SA05F Datasheet
207Kb / 8P
Inverter (Open Drain)
TC7SZ05AFS TOSHIBA-TC7SZ05AFS Datasheet
158Kb / 6P
INVERTER (Open Drain)
TC7SH05FE TOSHIBA-TC7SH05FE Datasheet
151Kb / 6P
INVERTER (Open Drain)
2009-09-30
TC7SH05FS TOSHIBA-TC7SH05FS Datasheet
177Kb / 6P
INVERTER (Open Drain)
2014-03-01
TC7SG05AFS TOSHIBA-TC7SG05AFS Datasheet
266Kb / 7P
Inverter (Open Drain)
2013-03-01
TC7SG05FE TOSHIBA-TC7SG05FE Datasheet
249Kb / 7P
Inverter (Open Drain)
2013-03-01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com